Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSL8516T Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SSL8516T
Description  Greenchip PFC and flyback controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL8516T Datasheet(HTML) 4 Page - NXP Semiconductors

  SSL8516T Datasheet HTML 1Page - NXP Semiconductors SSL8516T Datasheet HTML 2Page - NXP Semiconductors SSL8516T Datasheet HTML 3Page - NXP Semiconductors SSL8516T Datasheet HTML 4Page - NXP Semiconductors SSL8516T Datasheet HTML 5Page - NXP Semiconductors SSL8516T Datasheet HTML 6Page - NXP Semiconductors SSL8516T Datasheet HTML 7Page - NXP Semiconductors SSL8516T Datasheet HTML 8Page - NXP Semiconductors SSL8516T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
SSL8516T
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 5 May 2014
4 of 33
NXP Semiconductors
SSL8516T
Greenchip PFC and flyback controller
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 2.
SSL8516T pin configuration (SOT109-1)
Table 2.
Pin description
Symbol
Pin
Description
VCC
1
supply voltage
GND
2
ground
FBCTRL
3
flyback control input
FBAUX
4
auxiliary winding input for demagnetization timing and flyback OVP
LATCH
5
general-purpose protection input
PFCCOMP
6
PFC frequency compensation
VINSENSE
7
mains voltage sense input
PFCAUX
8
auxiliary winding input for demagnetization timing of the PFC
VOSENSE
9
sense input for PFC output voltage
FBSENSE
10
flyback current sense input
PFCSENSE
11
PFC current sense input
PFCDRIVER
12
PFC gate-driver output
FBDRIVER
13
flyback gate-driver output
PFCTIMER
14
PFC override and switch-off delay timer
HVS
15
high-voltage safety spacer; not connected
HV
16
high-voltage start-up and flyback valley sensing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com