Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSL8516T Datasheet(PDF) 18 Page - NXP Semiconductors

Part # SSL8516T
Description  Greenchip PFC and flyback controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL8516T Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button SSL8516T Datasheet HTML 14Page - NXP Semiconductors SSL8516T Datasheet HTML 15Page - NXP Semiconductors SSL8516T Datasheet HTML 16Page - NXP Semiconductors SSL8516T Datasheet HTML 17Page - NXP Semiconductors SSL8516T Datasheet HTML 18Page - NXP Semiconductors SSL8516T Datasheet HTML 19Page - NXP Semiconductors SSL8516T Datasheet HTML 20Page - NXP Semiconductors SSL8516T Datasheet HTML 21Page - NXP Semiconductors SSL8516T Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
SSL8516T
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 5 May 2014
18 of 33
NXP Semiconductors
SSL8516T
Greenchip PFC and flyback controller
7.3.10 Overpower protection
During the flyback converter primary stroke, the flyback converter input voltage is
measured by sensing the current that is drawn from the FBAUX pin.
The current information is used to limit the maximum flyback converter peak current and is
measured using the FBSENSE pin. The internal compensation is such, that a maximum
output power is obtained which is almost independent of the PFC output voltage.
The OPP curve is given in Figure 15.
7.3.11 Driver (FBDRIVER pin)
The driver circuit for the external power MOSFET gate includes a current sourcing
capability of 500 mA at 2 V on the FBDRIVER pin. It also includes a current sink capability
of 1.2 A at 10 V on the FBDRIVER pin. These capabilities ensure fast switch-on and
switch-off of the power MOSFET for efficient operation.
Fig 14. OCP leading-edge blanking
Fig 15. Overpower protection curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com