Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSL8516T Datasheet(PDF) 14 Page - NXP Semiconductors

Part # SSL8516T
Description  Greenchip PFC and flyback controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL8516T Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button SSL8516T Datasheet HTML 10Page - NXP Semiconductors SSL8516T Datasheet HTML 11Page - NXP Semiconductors SSL8516T Datasheet HTML 12Page - NXP Semiconductors SSL8516T Datasheet HTML 13Page - NXP Semiconductors SSL8516T Datasheet HTML 14Page - NXP Semiconductors SSL8516T Datasheet HTML 15Page - NXP Semiconductors SSL8516T Datasheet HTML 16Page - NXP Semiconductors SSL8516T Datasheet HTML 17Page - NXP Semiconductors SSL8516T Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
SSL8516T
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 5 May 2014
14 of 33
NXP Semiconductors
SSL8516T
Greenchip PFC and flyback controller
Figure 9 shows the drain voltage, valley signal, secondary stroke signal and the internal
oscillator signal.
Valley switching allows high frequency operation because capacitive switching losses are
reduced (see Equation 4). High frequency operation makes small and cost-effective
magnetic components possible.
(4)
7.3.3 Current mode control (FBSENSE pin)
Current mode control is used for the flyback converter because of its good line regulation.
The FBSENSE pin senses the primary current across an external resistor and compares it
to an internal control voltage. The internal control voltage is proportional to VFBCTRL (see
Figure 10).
The FBSENSE pin outputs a current of 2.1
A. This current runs through the resistors
from the FBSENSE pin to the sense resistor RSENSE2 and creates an offset voltage.
Resistor RSS2 causes the offset voltage because RSENSE2 is relatively small. The minimum
flyback peak current is adjusted using this offset voltage. Adjusting the minimum peak
current level, changes the frequency reduction slope (see Figure 7).
(1) Start of a new cycle at lowest drain voltage.
(2) Start of a new cycle in a classical Pulse-Width Modulation (PWM) system without valley detection.
Fig 9.
Signals for valley switching
P
1
2
---
C
d
V
2
f
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com