Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSL8516T Datasheet(PDF) 19 Page - NXP Semiconductors

Part # SSL8516T
Description  Greenchip PFC and flyback controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL8516T Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button SSL8516T Datasheet HTML 15Page - NXP Semiconductors SSL8516T Datasheet HTML 16Page - NXP Semiconductors SSL8516T Datasheet HTML 17Page - NXP Semiconductors SSL8516T Datasheet HTML 18Page - NXP Semiconductors SSL8516T Datasheet HTML 19Page - NXP Semiconductors SSL8516T Datasheet HTML 20Page - NXP Semiconductors SSL8516T Datasheet HTML 21Page - NXP Semiconductors SSL8516T Datasheet HTML 22Page - NXP Semiconductors SSL8516T Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
SSL8516T
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 5 May 2014
19 of 33
NXP Semiconductors
SSL8516T
Greenchip PFC and flyback controller
8.
Limiting values
[1]
Equivalent to discharging a 100 pF capacitor through a 1.5 k
 series resistor.
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Voltages
VCC
supply voltage
0.4
+38
V
VLATCH
voltage on pin LATCH
current limited
0.4
+10
V
VFBCTRL
voltage on pin FBCTRL
0.4
+9
V
VPFCCOMP
voltage on pin PFCCOMP
0.4
+5
V
VVINSENSE voltage on pin VINSENSE
current limited
0.4
+10
V
VVOSENSE
voltage on pin VOSENSE
current limited
0.4
+10
V
VPFCAUX
voltage on pin PFCAUX
25
+25
V
VFBSENSE
voltage on pin FBSENSE
current limited
0.4
+5
V
VPFCSENSE voltage on pin PFCSENSE
current limited
0.4
+5
V
VPFCTIMER voltage on pin PFCTIMER
current limited
0.4
+10
V
VHV
voltage on pin HV
0.4
+650
V
Currents
IFBCTRL
current on pin FBCTRL
30
mA
IFBAUX
current on pin FBAUX
1+1
mA
IPFCSENSE
current on pin PFCSENSE
1+10
mA
IFBSENSE
current on pin FBSENSE
1+10
mA
IFBDRIVER
current on pin FBDRIVER
 <10%
0.8
+2
A
IPFCDRIVER current on pin PFCDRIVER
 <10%
0.8
+2
A
IPFCTIMER
current on pin PFCTIMER
1+0.1
mA
IHV
current on pin HV
during start-up
and restart
-8
mA
 = 3 % due to
dV/dt on HV pin
15
+30
mA
General
Ptot
total power dissipation
Tamb <75 C-
0.6
W
Tstg
storage temperature
55
+150
C
Tj
junction temperature
40
+155
C
ESD
VESD
electrostatic discharge
voltage
human body
model
pins 1 to 14
[1]
22
kV
pin 16 (HV)
[1]
1.5
1.5
kV
charged device
model
500
500
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com