Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSL8516T Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SSL8516T
Description  Greenchip PFC and flyback controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL8516T Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SSL8516T Datasheet HTML 6Page - NXP Semiconductors SSL8516T Datasheet HTML 7Page - NXP Semiconductors SSL8516T Datasheet HTML 8Page - NXP Semiconductors SSL8516T Datasheet HTML 9Page - NXP Semiconductors SSL8516T Datasheet HTML 10Page - NXP Semiconductors SSL8516T Datasheet HTML 11Page - NXP Semiconductors SSL8516T Datasheet HTML 12Page - NXP Semiconductors SSL8516T Datasheet HTML 13Page - NXP Semiconductors SSL8516T Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
SSL8516T
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 5 May 2014
10 of 33
NXP Semiconductors
SSL8516T
Greenchip PFC and flyback controller
The voltage is limited to Vstart(soft)PFC.
The start level and time constant of the increasing primary current level is externally
adjusted by changing the RSS1 and CSS1 values.
(2)
The charging current Istart(soft)PFC flows while the PFCSENSE pin voltage is < 0.5 V. If
VPFCSENSE exceeds 0.5 V, the soft-start current source starts limiting current Istart(soft)PFC.
When the PFC starts switching, the Istart(soft)PFC current source is switched off; see
Figure 5.
7.2.6 PFC switch-on/switch-off control
When the flyback converter output power (see Section 7.3) is low, the flyback converter
switches to FR mode. When the switching frequency of the flyback in
FR mode < fsw(fb)swoff(PFC) (53 kHz), the PFC circuit is switched off to maintain high
efficiency. Connect a capacitor to the PFCTIMER pin (see Section 7.2.7) to delay the PFC
switching off.
During low-power mode operation and start-up (when PFC is disabled, e.g. at no-load),
the PFCCOMP pin is clamped to a minimum voltage of 3.32 V or 1.18 V and a maximum
voltage of 3.75 V. The minimum clamp voltage depends on VVINSENSE. This voltage limits
the maximum power that is delivered when the PFC switches on again. The upper clamp
voltage ensures that the PFC returns from low-power mode to its normal regulation point
in a limited time.
In FR mode, when the flyback converter switching frequency exceeds
fsw(fb)swon(PFC) (73 kHz), the PFC circuit is switched on. If the flyback converter duty cycle
is > 50 % or VFBCTRL is > 3.75 V, the PFC circuit is also switched on.
7.2.7 PFC switch off delay (PFCTIMER pin)
When the flyback converter switching frequency in FR mode is < fsw(fb)swoff(PFC) (53 kHz),
the IC then outputs a 4.7
A current to the PFCTIMER pin. When V
PFCTIMER reaches 3 V,
the PFC is switched off by performing a soft-stop.
Fig 5.
Soft start of the PFC
start soft
PFC
3R
SS1
C
SS1
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com