Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSL8516T Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SSL8516T
Description  Greenchip PFC and flyback controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL8516T Datasheet(HTML) 3 Page - NXP Semiconductors

  SSL8516T Datasheet HTML 1Page - NXP Semiconductors SSL8516T Datasheet HTML 2Page - NXP Semiconductors SSL8516T Datasheet HTML 3Page - NXP Semiconductors SSL8516T Datasheet HTML 4Page - NXP Semiconductors SSL8516T Datasheet HTML 5Page - NXP Semiconductors SSL8516T Datasheet HTML 6Page - NXP Semiconductors SSL8516T Datasheet HTML 7Page - NXP Semiconductors SSL8516T Datasheet HTML 8Page - NXP Semiconductors SSL8516T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
SSL8516T
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 5 May 2014
3 of 33
NXP Semiconductors
SSL8516T
Greenchip PFC and flyback controller
3.
Applications
This IC can be used in all lighting applications requiring efficient and cost-effective
AC-DC offline switch mode power solutions from 25 W to 300 W.
4.
Ordering information
5.
Block diagram
Table 1.
Ordering information
Type number
Package
Name
Description
Version
SSL8516T
SO16
plastic small outline package; 16 leads; body width 3.9 mm
SOT109-1
Fig 1.
SSL8516T block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com