Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSL8516T Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SSL8516T
Description  Greenchip PFC and flyback controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL8516T Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SSL8516T Datasheet HTML 7Page - NXP Semiconductors SSL8516T Datasheet HTML 8Page - NXP Semiconductors SSL8516T Datasheet HTML 9Page - NXP Semiconductors SSL8516T Datasheet HTML 10Page - NXP Semiconductors SSL8516T Datasheet HTML 11Page - NXP Semiconductors SSL8516T Datasheet HTML 12Page - NXP Semiconductors SSL8516T Datasheet HTML 13Page - NXP Semiconductors SSL8516T Datasheet HTML 14Page - NXP Semiconductors SSL8516T Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
SSL8516T
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 5 May 2014
11 of 33
NXP Semiconductors
SSL8516T
Greenchip PFC and flyback controller
A switch discharges the PFCTIMER pin capacitor when the flyback controller operating
frequency is > fsw(fb)swon(PFC) (73 kHz). At the same moment, the PFC stage is also
switched on.
Connect a capacitor to the PFCTIMER pin (see Section 7.2.7) to prevent the PFC from
switching off due to a dynamic load that leads to repetitive crossing of fsw(fb)swoff(PFC) and
fsw(fb)swon(PFC). A 1 nF minimum capacitor value is recommended to prevent noise
influencing the PFC switch on/ switch off behavior.
The PFCTIMER pin capacitor is also discharged when PFC is on and the flyback
switching frequency is higher than 53 kHz. This feature prevents PFC on/off toggling
during dynamic loads causing the flyback to operate repetitively near fsw(fb)swoff(PFC) and
fsw(fb)swon(PFC).
It is also possible to control PFC switch-on and switch off externally. When VPFCTIMER is
driven below 1.03 V, the PFC stage is on. When the PFCTIMER pin voltage is driven
above 4.4 V, the PFC stage is switched off. The external control overrides the PFC stage
control by the flyback controller (see Figure 6).
The PFCTIMER pin has an internal clamp circuit starting around 10 V with a current
capability of 0.1 mA
7.2.8 Overcurrent protection (PFCSENSE pin)
The maximum peak current is limited cycle-by-cycle by sensing the voltage across an
external sense resistor, RSENSE1, on the source of the external MOSFET. The voltage is
measured using the PFCSENSE pin.
7.2.9 Mains undervoltage lockout/brownout protection (VINSENSE pin)
To prevent the PFC from operating at very low mains input voltages, VVINSENSE is sensed
continuously. When VVINSENSE drops below the Vstop(VINSENSE) level, switching of the PFC
is stopped.
7.2.10 Overvoltage protection (VOSENSE pin)
To prevent output overvoltage during load steps and mains transients, an overvoltage
protection circuit is built in.
Fig 6.
PFC switch on and switch off using the PFCTIMER pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com