Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSL8516T Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SSL8516T
Description  Greenchip PFC and flyback controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL8516T Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SSL8516T Datasheet HTML 2Page - NXP Semiconductors SSL8516T Datasheet HTML 3Page - NXP Semiconductors SSL8516T Datasheet HTML 4Page - NXP Semiconductors SSL8516T Datasheet HTML 5Page - NXP Semiconductors SSL8516T Datasheet HTML 6Page - NXP Semiconductors SSL8516T Datasheet HTML 7Page - NXP Semiconductors SSL8516T Datasheet HTML 8Page - NXP Semiconductors SSL8516T Datasheet HTML 9Page - NXP Semiconductors SSL8516T Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
SSL8516T
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 5 May 2014
6 of 33
NXP Semiconductors
SSL8516T
Greenchip PFC and flyback controller
The control logic activates the internal circuitry and switches off the HV charge current
when VCC passes the Vstartup level. First, the LATCH pin current source is activated and
the soft-start capacitors on the PFCSENSE and FBSENSE pins are charged. Also the
clamp circuit on the PFCCOMP pin is activated.
The PFC circuit is activated when the following conditions are met:
• the LATCH pin voltage exceeds the Ven(LATCH) voltage
• the PFCCOMP pin charging current drops below the absolute value of the
Ien(PFCCOMP) current
• the soft-start capacitor on the PFCSENSE pin is charged
If the soft-start capacitor on the FBSENSE pin is charged, the flyback converter is
activated. The flyback converter output voltage is then regulated to its nominal output
voltage. The auxiliary winding of the flyback converter takes over the IC supply
(see Figure 4).
If during start-up, the LATCH pin does not reach the Ven(LATCH) level before VCC reaches
Vth(UVLO), the LATCH pin output is deactivated. The charge current is switched on again.
When the flyback converter is started, VFBCTRL is monitored. If the output voltage does not
reach its intended regulation level within a specified time, VFBCTRL reaches the Vto(FBCTRL)
level. An error is then assumed and a safe restart is initiated.
When one of the safe restart or latched protection functions are triggered, both converters
stop switching and the VCC voltage drops to Vth(UVLO). A latched protection recharges
capacitor CVCC using Ich(low) from the HV pin, but does not restart the converters. To
provide safe restart protection, the capacitor is recharged using Ich(low) from the HV pin
and the device restarts (see Figure 1).
If OVP is triggered on the PFC circuit (VVOSENSE >VOVP(VOSENSE)), the PFC controller
stops switching until the VVOSENSE < VOVP(VOSENSE). If a mains UVP is detected,
VVINSENSE <Vstop(VINSENSE), the PFC controller stops switching until
VVINSENSE >Vstart(VINSENSE) again. OVP and UVP of the PFC circuit do not disable flyback
controller switching.
When the VCC pin voltage drops under the UVLO level, both controllers stop switching and
enter safe restart mode. In the safe restart mode, the VCC pin capacitor is recharged using
Ich(low) from the HV pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com