Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSL8516T Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SSL8516T
Description  Greenchip PFC and flyback controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL8516T Datasheet(HTML) 5 Page - NXP Semiconductors

  SSL8516T Datasheet HTML 1Page - NXP Semiconductors SSL8516T Datasheet HTML 2Page - NXP Semiconductors SSL8516T Datasheet HTML 3Page - NXP Semiconductors SSL8516T Datasheet HTML 4Page - NXP Semiconductors SSL8516T Datasheet HTML 5Page - NXP Semiconductors SSL8516T Datasheet HTML 6Page - NXP Semiconductors SSL8516T Datasheet HTML 7Page - NXP Semiconductors SSL8516T Datasheet HTML 8Page - NXP Semiconductors SSL8516T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
SSL8516T
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 5 May 2014
5 of 33
NXP Semiconductors
SSL8516T
Greenchip PFC and flyback controller
7.
Functional description
7.1 General control
The SSL8516T contains a power factor correction circuit controller and a flyback circuit
controller. A typical configuration is shown in Figure 3.
7.1.1 Start-up and UnderVoltage LockOut (UVLO)
Initially, the capacitor on the VCC pin is charged from the high-voltage mains using the HV
pin.
When VCC is less than Vtrip, the charge current is Ich(low). This low current protects the IC if
the VCC pin is shorted to ground. To ensure a short start-up time, the charge current above
the Vtrip level is increased to Ich(high), until VCC reaches Vstartup. Except during start-up,
when VCC is between Vth(UVLO) and Vstartup, the charge current becomes Ich(low) to ensure
a low safe restart duty cycle during fault conditions.
When VCC is lowered to 2 V, the IC is reset. During the next start-up, the charge current
between Vth(UVLO) and Vstartup is Ich(high).
(1) The HV pin can either be connected to the center tap of the flyback transformer or to the drain of MOSFET S2.
Fig 3.
A typical SSL8516T configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com