Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSL8516T Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SSL8516T
Description  Greenchip PFC and flyback controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL8516T Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SSL8516T Datasheet HTML 8Page - NXP Semiconductors SSL8516T Datasheet HTML 9Page - NXP Semiconductors SSL8516T Datasheet HTML 10Page - NXP Semiconductors SSL8516T Datasheet HTML 11Page - NXP Semiconductors SSL8516T Datasheet HTML 12Page - NXP Semiconductors SSL8516T Datasheet HTML 13Page - NXP Semiconductors SSL8516T Datasheet HTML 14Page - NXP Semiconductors SSL8516T Datasheet HTML 15Page - NXP Semiconductors SSL8516T Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
SSL8516T
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 5 May 2014
12 of 33
NXP Semiconductors
SSL8516T
Greenchip PFC and flyback controller
When VVOSENSE exceeds the VOVP(VOSENSE) level, switching of the PFC circuit is
prevented. Switching of the PFC restarts when the VOSENSE pin voltage drops below the
VOVP(VOSENSE) level again.
OVP is also triggered when the resistor between the VOSENSE pin and ground is open.
7.2.11 PFC open-loop protection (VOSENSE pin)
The PFC circuit does not start switching until the VVOSENSE pin is greater than the
Vth(start)(VOSENSE) level. This feature protects the application from open-loop and
VOSENSE short-circuit situations.
7.2.12 Driver (PFCDRIVER pin)
The driver circuit to the gate of the power MOSFET includes a current sourcing capability
of 500 mA at 2 V on the PFCDRIVER pin. It also includes a current sink capability of 1.2 A
at 10 V on the PFCDRIVER pin. These capabilities ensure fast switch-on and switch-off of
the power MOSFET for efficient operation.
7.3 Flyback controller
The SSL8516T includes a controller for a flyback converter. The flyback converter
operates in quasi-resonant or discontinuous conduction mode with valley switching. The
auxiliary winding of the flyback transformer provides demagnetization detection and
powers the IC after start-up.
7.3.1 Multimode operation
The SSL8516T flyback controller can operate in several modes; see Figure 7.
At high output power the converter switches to quasi-resonant mode. The next converter
stroke starts after demagnetization of the transformer and detection of the valley. In
quasi-resonant mode switching losses are minimized. This minimization is achieved by
the converter only switching on when the voltage across the external MOSFET is at its
minimum (see Section 7.3.2).
Fig 7.
Multimode operation flyback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com