Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW4STM32C Datasheet(PDF) 46 Page - STMicroelectronics

Part # SW4STM32C
Description  STM32 microcontroller debug toolbox
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SW4STM32C Datasheet(HTML) 46 Page - STMicroelectronics

Back Button SW4STM32C Datasheet HTML 42Page - STMicroelectronics SW4STM32C Datasheet HTML 43Page - STMicroelectronics SW4STM32C Datasheet HTML 44Page - STMicroelectronics SW4STM32C Datasheet HTML 45Page - STMicroelectronics SW4STM32C Datasheet HTML 46Page - STMicroelectronics SW4STM32C Datasheet HTML 47Page - STMicroelectronics SW4STM32C Datasheet HTML 48Page - STMicroelectronics SW4STM32C Datasheet HTML 49Page - STMicroelectronics SW4STM32C Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 99 page
background image
Breaking and stepping into code
AN4989
46/99
DocID030181 Rev 2
5.3
Secure platform limitation
The STMicroelectronics platform provides the following code protection means.
RDP: ReadOut Protection
Prevents Flash Memory access through the JTAG for ALL Flash memory.
PcROP: Proprietary Code ReadOut Protection
Prevents read access of configurable Flash memory areas performed by the CPU execution
of malicious third-party code (Trojan Horse).
WRP: Prevents accidental or malicious write/erase operations.
For further details please refer to the reference manual or section Training L4 on
STMicroelectronics website www.st.com.
The next sections provide additional details on the expected behavior of the secure
applications.
5.3.1
RDP
•
Level 0: No Protection.
This is the factory default mode allowing all accesses.
•
Level 1: Read Protection.
Any access to Flash or protection extension region generates a system hard-fault
which blocks all code execution until the next power-on reset. A simple reset does re-
enable code execution; power must be switched off and on so that power-on reset
enables code execution. The restriction depends on the STM32 Series as described in
Table 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com