Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW4STM32C Datasheet(PDF) 59 Page - STMicroelectronics

Part # SW4STM32C
Description  STM32 microcontroller debug toolbox
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SW4STM32C Datasheet(HTML) 59 Page - STMicroelectronics

Back Button SW4STM32C Datasheet HTML 55Page - STMicroelectronics SW4STM32C Datasheet HTML 56Page - STMicroelectronics SW4STM32C Datasheet HTML 57Page - STMicroelectronics SW4STM32C Datasheet HTML 58Page - STMicroelectronics SW4STM32C Datasheet HTML 59Page - STMicroelectronics SW4STM32C Datasheet HTML 60Page - STMicroelectronics SW4STM32C Datasheet HTML 61Page - STMicroelectronics SW4STM32C Datasheet HTML 62Page - STMicroelectronics SW4STM32C Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 99 page
background image
DocID030181 Rev 2
59/99
AN4989
Printf debugging
98
7.2
Printf via UART
Direct connection from PC UART to board pinout does not work due to signal level
incompatibility.
Take care to use external adapter (such as MAX232, ST3241EB, FTDI USB/UART) or the
USART connected to Virtual-COM port.
Trick:
Appendix B: Use Nucleo “cutted” ST-LINK as stand-alone VCP on page 89
explains how to use ST-LINK Nucleo stand-alone part as VCP.
The straight-forward way to set a Serial Com port with PC host is to use the USART
connected to VCP.
USART connected to VCP depends on the hardware kit:
•
Nucleo-32/Nucleo-64: USART2 - PA2/PA3
•
Nucleo-144: USART3 - PA9/PA10
•
Discovery: not standard. Refer to the board schematics
•
EVAL: not standard. Refer to the board schematics. Either the VCP or the RS232
connector can be used
In STM32CubeMX, for Nucleo board, the VCP USART pins (PA2/PA3) are reserved by
default, but required to be enabled by selecting “asynchronous” in USART mode selection
box as shown in Figure 40.
Figure 40. USART Pinout configuration with STM32CubeMX
Then, set the UART communication settings in Configuration -> USART2 Configuration
-> Parameter Settings as shown in Figure 41.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com