Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW4STM32C Datasheet(PDF) 89 Page - STMicroelectronics

Part # SW4STM32C
Description  STM32 microcontroller debug toolbox
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SW4STM32C Datasheet(HTML) 89 Page - STMicroelectronics

Back Button SW4STM32C Datasheet HTML 85Page - STMicroelectronics SW4STM32C Datasheet HTML 86Page - STMicroelectronics SW4STM32C Datasheet HTML 87Page - STMicroelectronics SW4STM32C Datasheet HTML 88Page - STMicroelectronics SW4STM32C Datasheet HTML 89Page - STMicroelectronics SW4STM32C Datasheet HTML 90Page - STMicroelectronics SW4STM32C Datasheet HTML 91Page - STMicroelectronics SW4STM32C Datasheet HTML 92Page - STMicroelectronics SW4STM32C Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 99 page
background image
DocID030181 Rev 2
89/99
AN4989
Use Nucleo “cutted” ST-LINK as stand-alone VCP
98
Appendix B
Use Nucleo “cutted” ST-LINK as stand-alone
VCP
As stated in Section 7.2: Printf via UART on page 59, it is required to have an adapter
between MCU and PC to setup a proper serial connection.
Design constraints may prevent to use the default UART connected to VCP, or may require
another serial connection with the PC.
In such a case, it is simpler and cheaper to use another Nucleo board instead of getting the
appropriate RS232 level shifter.
The "Cuttable PCB" capabilities of the Nucleo-64 and Nucleo-144 boards represent their
capacity to disconnect on-board ST-LINK from STM32 application part.
The simple way to disconnect the ST-LINK part from the MCU application part is to power off
the MCU by removing jumper J5. This is indicated by the fact that LED LD3 is off when a
USB cable is connected. This configuration is presented in As show in Figure 67.
Figure 67. ST-LINK cuttable part of Nucleo
In this case the ST-LINK part can be used as a stand-alone module.
1.
As debugger interface to program and debug an external application as documented in
the user manual
–
STM32 Nucleo-144 board: section 6.3.4 of Using ST-LINK/V2-1 to program and
debug an external STM32 application (UM1974)
–
STM32 Nucleo-64 board: Using ST-LINK/V2-1 to program and debug an external
STM32 application (UM1724)
2.
As an alternative and/or additional Virtual-COM port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com