Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW4STM32C Datasheet(PDF) 58 Page - STMicroelectronics

Part # SW4STM32C
Description  STM32 microcontroller debug toolbox
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SW4STM32C Datasheet(HTML) 58 Page - STMicroelectronics

Back Button SW4STM32C Datasheet HTML 54Page - STMicroelectronics SW4STM32C Datasheet HTML 55Page - STMicroelectronics SW4STM32C Datasheet HTML 56Page - STMicroelectronics SW4STM32C Datasheet HTML 57Page - STMicroelectronics SW4STM32C Datasheet HTML 58Page - STMicroelectronics SW4STM32C Datasheet HTML 59Page - STMicroelectronics SW4STM32C Datasheet HTML 60Page - STMicroelectronics SW4STM32C Datasheet HTML 61Page - STMicroelectronics SW4STM32C Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 99 page
background image
Printf debugging
AN4989
58/99
DocID030181 Rev 2
7
Printf debugging
Printf debugging is one of the most straight-forward and used solution in order to start
investigating a non-working system.
This chapter is a getting started guide to quickly setup a printf data path through
semihosting, USART or SWO, benefiting from facilities offered by STMicroelectronics
hardware kits and ecosystem tools.
7.1
STM32 Virtual-COM port driver
STM32 Virtual-COM Port Driver (VCP) is a feature supported by ST-LINKV2-B embedded in
most of recent hardware kits (refer to Section 2.1: Hardware development tools on page 9).
It is a RS232 emulation through ST-LINK USB connection.
On the PC side, this requires driver software package (STSW-STM32102) included in ST-
LINK driver (STSW-0009).
Once the target is connected, it is seen as a serial port on the PC. An example is presented
in Figure 39.
Figure 39. Virtual-COM port on Windows® PC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com