Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW4STM32C Datasheet(PDF) 73 Page - STMicroelectronics

Part # SW4STM32C
Description  STM32 microcontroller debug toolbox
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SW4STM32C Datasheet(HTML) 73 Page - STMicroelectronics

Back Button SW4STM32C Datasheet HTML 69Page - STMicroelectronics SW4STM32C Datasheet HTML 70Page - STMicroelectronics SW4STM32C Datasheet HTML 71Page - STMicroelectronics SW4STM32C Datasheet HTML 72Page - STMicroelectronics SW4STM32C Datasheet HTML 73Page - STMicroelectronics SW4STM32C Datasheet HTML 74Page - STMicroelectronics SW4STM32C Datasheet HTML 75Page - STMicroelectronics SW4STM32C Datasheet HTML 76Page - STMicroelectronics SW4STM32C Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 99 page
background image
DocID030181 Rev 2
73/99
AN4989
Debug through hardware exploration
98
Figure 54. MCO Multiplexer in STM32CubeMX Clock Configuration Pane
The divider allows to output a signal frequency compatible with output capabilities.
8.2.2
HAL_RCC_MCOConfig
Independantly of the fact that STM32CubeMX is used or not, MCO configuration is done
using the hal_rcc or LL function:
stm32XXxx_hal_rcc.c/ stm32XXxx_hal_rcc.h
void HAL_RCC_MCOConfig( uint32_t RCC_MCOx, uint32_t RCC_MCOSource, uint32_t
RCC_MCODiv)
Examples based on LL drivers are available in STM32Cube libraries (refer to
STM32CubeProjectList.html) which configure the GPIO and the related registers depending
on source and divider.
They also configure the selected GPIO accordingly:
/* Configure the MCO1 pin in alternate function mode */
GPIO_InitStruct.Pin = MCO1_PIN;
GPIO_InitStruct.Mode = GPIO_MODE_AF_PP;
GPIO_InitStruct.Speed = GPIO_SPEED_HIGH;
GPIO_InitStruct.Pull = GPIO_NOPULL;
GPIO_InitStruct.Alternate = GPIO_AF0_MCO;
HAL_GPIO_Init(MCO1_GPIO_PORT, &GPIO_InitStruct);
Caution:
The setting of GPIO speed (OSPEED) must be carefully set.
OSPEED setting and maximum output frequency value are described in the datasheet of
the related MCU in chapter I/O port characteristics.
Max Frequency values are given for a typical load of 50 pF or 10 pF.
If the measure is performed with an oscilloscope, the load of the probe circuitry must be
taken into account.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com