Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW4STM32C Datasheet(PDF) 67 Page - STMicroelectronics

Part # SW4STM32C
Description  STM32 microcontroller debug toolbox
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SW4STM32C Datasheet(HTML) 67 Page - STMicroelectronics

Back Button SW4STM32C Datasheet HTML 63Page - STMicroelectronics SW4STM32C Datasheet HTML 64Page - STMicroelectronics SW4STM32C Datasheet HTML 65Page - STMicroelectronics SW4STM32C Datasheet HTML 66Page - STMicroelectronics SW4STM32C Datasheet HTML 67Page - STMicroelectronics SW4STM32C Datasheet HTML 68Page - STMicroelectronics SW4STM32C Datasheet HTML 69Page - STMicroelectronics SW4STM32C Datasheet HTML 70Page - STMicroelectronics SW4STM32C Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 99 page
background image
DocID030181 Rev 2
67/99
AN4989
Printf debugging
98
ST-LINK utility
In case the IDE does not have embedded SWV, the one provided by ST-LINK Utilities can
be used instead. Figure 47 shows the use of SWV in ST-LINK Utilities.
Figure 47. SWV in ST-LINK utility
Refer to STM32 ST-LINK utility software description user manual (UM0892) for details.
Tip:
Keil® MDK-ARM µVISION and ST-LINK utility SWV allows to select the Stimulus
to display. On the other hand it is quite straight forward to make some clone of
ITM_SendChar()
function using any of the 31 stimulus port. Can be useful in a
very verbose system to set a trace library which split trace between stimulus
based on their importance (info, debug, error) or there source.
7.4
Semihosting
Semihosting is a mechanism that enables code running on an ARM® target to communicate
and use the Input/Output facilities on a host computer that is running a debugger.
Examples of these facilities include keyboard input, screen output, and disk I/O. For
example, this mechanism can be used to enable functions in the C library, such as



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com