Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW4STM32C Datasheet(PDF) 34 Page - STMicroelectronics

Part # SW4STM32C
Description  STM32 microcontroller debug toolbox
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SW4STM32C Datasheet(HTML) 34 Page - STMicroelectronics

Back Button SW4STM32C Datasheet HTML 30Page - STMicroelectronics SW4STM32C Datasheet HTML 31Page - STMicroelectronics SW4STM32C Datasheet HTML 32Page - STMicroelectronics SW4STM32C Datasheet HTML 33Page - STMicroelectronics SW4STM32C Datasheet HTML 34Page - STMicroelectronics SW4STM32C Datasheet HTML 35Page - STMicroelectronics SW4STM32C Datasheet HTML 36Page - STMicroelectronics SW4STM32C Datasheet HTML 37Page - STMicroelectronics SW4STM32C Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 99 page
background image
Connecting to the board
AN4989
34/99
DocID030181 Rev 2
Reset: controls the reset operations performed by the target device. The available options
vary with the selected device.
•
Autodetect selects the best suitable reset method for the target device. This can be a
specialized reset or standard method. If Autodetect finds an unknown device, it uses
the SYSRESETREQ method.
•
HW RESET performs a hardware reset by asserting the hardware reset (HW RESET)
signal.
•
SYSRESETREQ performs a software reset by setting the SYSRESETREQ bit. The
Cortex®-M core and on-chip peripherals are reset.
•
VECTRESET performs a software reset by setting the VECTRESET bit. Only the
Cortex®-M core is reset. On-chip peripherals are not reset. For some Cortex®-M
devices, VECTRESET is the only way they may be reset. However, VECTRESET is
not supported on Cortex®-M0, Cortex®-M0+, Cortex®-M1, and ARM®v8-M cores.
Refer to http://www.keil.com/
Hotplug
If all of the following options are disabled, no hardware reset is performed at debugger start:
•
Options For Target - Debug - Load Application at startup
•
Options For Target - Debug - Settings - Reset after connect (with Options For Target -
Debug - Settings - Connect selected as NORMAL)
•
Options For Target - Utilities - Update Target before Debugging
Figure 21. Keil® hotplug step1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com