Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW4STM32C Datasheet(PDF) 14 Page - STMicroelectronics

Part # SW4STM32C
Description  STM32 microcontroller debug toolbox
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SW4STM32C Datasheet(HTML) 14 Page - STMicroelectronics

Back Button SW4STM32C Datasheet HTML 10Page - STMicroelectronics SW4STM32C Datasheet HTML 11Page - STMicroelectronics SW4STM32C Datasheet HTML 12Page - STMicroelectronics SW4STM32C Datasheet HTML 13Page - STMicroelectronics SW4STM32C Datasheet HTML 14Page - STMicroelectronics SW4STM32C Datasheet HTML 15Page - STMicroelectronics SW4STM32C Datasheet HTML 16Page - STMicroelectronics SW4STM32C Datasheet HTML 17Page - STMicroelectronics SW4STM32C Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 99 page
background image
STM32 ecosystem outlines
AN4989
14/99
DocID030181 Rev 2
Both stand-alone and embedded versions share the same ST-LINK/V2 basic features:
•
5 V power supplied by a USB connector
•
USB 2.0 full-speed-compatible interface
•
USB standard A to Mini- B cable
•
JTAG/serial wire debug (SWD) specific features:
–
1.65 V to 3.6 V application voltage supported on the JTAG/SWD interface and 5 V
tolerant inputs
–
JTAG cable for connection to a standard JTAG 20-pin pitch 2.54 mm connector
–
JTAG supported
–
SWD and serial wire viewer (SWV) communication supported
•
Device Firmware Upgrade (DFU) feature supported
•
Status LED which blinks during communication with the PC
•
Operating temperature 0 °C to 50 °C
•
1000 V rms high-isolation voltage (ST-LINK/V2-ISOL only)
Embedded versions usually supports the following additional features:
•
Virtual-COM-port interface on USB. (VCP)
•
Mass storage interface on USB
The availability of these additional features depends on software version.
In order to identify the ST-LINK version on a board and the related features associated with
it, please refer STMicroelectronics technical note Overview of the ST-LINK embedded in
STM32 MCU Nucleo, Discovery Kits and Eval Boards (TN1235).
On-board ST-LINK does not support JTAG port.
Note:
For Nucleo and Discovery, JTAG port signal can be wired through Morpho / Arduino™
connectors. On EVAL boards, there is a dedicated 20-pin connector.
The use of ST-LINK requires the software packages listed in Table 2.
Note:
STSW-LINK007 is included in STSW-LINK004.
STSW-LINK009 is included in most IDE installation packages (IAR™, Keil®, SW4STM32)
and tools.
Tip:
It is recommended to use the latest firmware version of the on-board ST-LINK
interface. Firmware upgrade can be performed thanks to the ST-LINK utility
software (refer to Section 2.2.4: ST-LINK utility on page 19).
Table 2. ST-LINK software pack
Part Number
Description
STSW-LINK004
STM32 ST-LINK utility (refer to Section 2.2.4: ST-LINK utility on page 19)
STSW-LINK007
ST-LINK, ST-LINK/V2, ST-LINK/V2-1 firmware upgrade
STSW-LINK009
ST-LINK, ST-LINK/V2, ST-LINK/V2-1 USB driver signed for Windows® 7,
Windows® 8, Windows® 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com