Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW4STM32C Datasheet(PDF) 61 Page - STMicroelectronics

Part # SW4STM32C
Description  STM32 microcontroller debug toolbox
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SW4STM32C Datasheet(HTML) 61 Page - STMicroelectronics

Back Button SW4STM32C Datasheet HTML 57Page - STMicroelectronics SW4STM32C Datasheet HTML 58Page - STMicroelectronics SW4STM32C Datasheet HTML 59Page - STMicroelectronics SW4STM32C Datasheet HTML 60Page - STMicroelectronics SW4STM32C Datasheet HTML 61Page - STMicroelectronics SW4STM32C Datasheet HTML 62Page - STMicroelectronics SW4STM32C Datasheet HTML 63Page - STMicroelectronics SW4STM32C Datasheet HTML 64Page - STMicroelectronics SW4STM32C Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 99 page
background image
DocID030181 Rev 2
61/99
AN4989
Printf debugging
98
HAL_UART_Transmit(&UartHandle, (uint8_t *)&ch, 1, 0xFFFF);
return ch;
}
Without syscall.c integrated, a customized _write function has to be defined:
int _write(int file, char *ptr, int len)
{
int DataIdx;
for (DataIdx = 0; DataIdx < len; DataIdx++){ __io_putchar( *ptr++ );}
return len;
}
Refer to STM32Cube provided example UART_Printf() available for almost all STM32
Series. An example is available in STM32Cube_FW_F3_V1.7.0\Projects\
STM32F303ZE-Nucleo\Examples\UART\UART_Printf.
Caution:
USART word length includes parity which is not the case for most of UART terminal. Word
length 8 with parity require 7 bits + parity on terminal side to match.
VCP does not support Word length of 7 bits and below (whatever the parity). Table 5 gives
examples of compatible configurations:
7.3
Printf via SWO/SWV
Serial Wire Output (SWO) is single pin, asynchronous serial communication channel
available on Cortex-M3/M4/M7 and supported by the main debugger probes.
It is using the ITM (instrumentation trace macrocell) module of the Cortex Core-Sight.
The asynchronous mode (SWO) requires 1 extra pin and is available on all packages for
STM32 based on Cortex-M3, -M4, and -M7.
It is only available if a Serial Wire mode is used. It is not available in JTAG mode.
By default, this pin is NOT assigned. It can be assigned by setting the TRACE_IOEN and
TRACE_MODE bits in the Debug MCU configuration register (DBGMCU_CR). This
configuration has to be done by the debugger host.
Refer to the related chapter of STMicroelectronics reference manual.
In debug context it can be a good alternative to UART in system where pinout constraints
are strong (alternate function preempting UART GPIOs).
Table 5. STM32 USART vs. PC terminal WordLength example
STM32 UART
PC Terminal
Word Length: 8, Parity: Odd
Data: 7, Parity: Odd
Word Length: 8, Parity: None
Data: 8, Parity: None
Word Length: 9, Parity: Odd
Data 8, Parity: Odd
Word Length: 7, Parity: Odd/None
Not Working with VCP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com