Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW4STM32C Datasheet(PDF) 29 Page - STMicroelectronics

Part # SW4STM32C
Description  STM32 microcontroller debug toolbox
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SW4STM32C Datasheet(HTML) 29 Page - STMicroelectronics

Back Button SW4STM32C Datasheet HTML 25Page - STMicroelectronics SW4STM32C Datasheet HTML 26Page - STMicroelectronics SW4STM32C Datasheet HTML 27Page - STMicroelectronics SW4STM32C Datasheet HTML 28Page - STMicroelectronics SW4STM32C Datasheet HTML 29Page - STMicroelectronics SW4STM32C Datasheet HTML 30Page - STMicroelectronics SW4STM32C Datasheet HTML 31Page - STMicroelectronics SW4STM32C Datasheet HTML 32Page - STMicroelectronics SW4STM32C Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 99 page
background image
DocID030181 Rev 2
29/99
AN4989
Connecting to the board
98
4
Connecting to the board
The way IDEs get connected to the boards is not always known. In case of trouble, a basic
knowledge about this topic can save time in identifying and fixing the issue.
This chapter intends to provide the minimal set of information in order to prevent or quickly
fix issues related to connection.
4.1
SWD/JTAG pinout
On STMicroelectronics hardware kits, SWD must be made available for connection with ST-
LINK.
SWD is always mapped on PA13 (SWDIO) and PA14 (SWCLK). This is the default state
after reset.
Nothing specific is required in the application code to make SWD work.
Special attention must be paid to make sure that, voluntarily or accidentally, the SWD pins
are not switched to some alternate functions or affected by I/O settings modifications.
Hint:
For instance, STM32Cube PWR examples switch all GPIO (including SWD) in an
analog state in order to minimize consumption. This disconnects the debugger. A
Connect Under Reset using NRST is required to take back the control of the
board. (Refer to Section 4.2).
When using STM32CubeMX at configuration stage, PA13 and PA14 can be in one of three
states upon selection of Serial Wire in SYS/Debug configuration list:
•
Reset, shown by the pins colored in gray in Figure 16
•
Reserved but inactive shown by the pins colored in orange in Figure 17
•
Active shown by the pins colored in green in Figure 18
Figure 16. SWD pins PA13 and PA14 in Reset state under STM32CubeMX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com