Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW4STM32C Datasheet(PDF) 52 Page - STMicroelectronics

Part # SW4STM32C
Description  STM32 microcontroller debug toolbox
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SW4STM32C Datasheet(HTML) 52 Page - STMicroelectronics

Back Button SW4STM32C Datasheet HTML 48Page - STMicroelectronics SW4STM32C Datasheet HTML 49Page - STMicroelectronics SW4STM32C Datasheet HTML 50Page - STMicroelectronics SW4STM32C Datasheet HTML 51Page - STMicroelectronics SW4STM32C Datasheet HTML 52Page - STMicroelectronics SW4STM32C Datasheet HTML 53Page - STMicroelectronics SW4STM32C Datasheet HTML 54Page - STMicroelectronics SW4STM32C Datasheet HTML 55Page - STMicroelectronics SW4STM32C Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 99 page
background image
Exception handling
AN4989
52/99
DocID030181 Rev 2
6.3.2
Cortex®-M3/4/7 case
For targets that support hardware division instructions, Trapping of DIV0 operation is
possible by configuring System Control Block (SCB) registers, accessible through CMSIS
library.
For example on Cortex®-M3:
SCB_CCR register description is provided in Figure 33.
Figure 33. Cortex®-M3 SCB_CCR Description
Refer to STM32F10xxx/20xxx/21xxx/L1xxxx Cortex-M3 programming manual (PM0056).
Setting bit 5 of SCB_CCR register
SCB->CCR |= 0x10; // enable div-by-0 trap
When Div0 occurs it is trapped in HardFault_Handler.
With breakpoint on while instruction into HardFault_Handler, CallStack point to the offended
line and SCB->CFSR register explicits the type of fault
SCB_CFSR register description is provided in Figure 34.
Figure 34. Cortex-M3 SCB_CFSR Description
The following sections describe the management of SCB registers as a function of the
selected IDE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com