Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV82X7DT Datasheet(PDF) 145 Page - STMicroelectronics

Part # STV82X7DT
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7DT Datasheet(HTML) 145 Page - STMicroelectronics

Back Button STV82X7DT Datasheet HTML 141Page - STMicroelectronics STV82X7DT Datasheet HTML 142Page - STMicroelectronics STV82X7DT Datasheet HTML 143Page - STMicroelectronics STV82X7DT Datasheet HTML 144Page - STMicroelectronics STV82X7DT Datasheet HTML 145Page - STMicroelectronics STV82X7DT Datasheet HTML 146Page - STMicroelectronics STV82X7DT Datasheet HTML 147Page - STMicroelectronics STV82X7DT Datasheet HTML 148Page - STMicroelectronics STV82X7DT Datasheet HTML 149Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 145 / 149 page
background image
145/149
STV82x7
Package Mechanical Data
15
Package Mechanical Data
Figure 30: 80-Pin Thin Plastic Quad Flat Package
Table 31: Package Mechanical Dimensions
Dim.
mm
inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.60
0.063
A1
0.05
0.15
0.002
0.006
A2
1.35
1.40
1.45
0.053
0.055
0.057
b
0.22
0.32
0.38
0.009
0.013
0.015
C
0.09
0.20
0.004
0.008
D
16.00
0.630
D1
14.00
0.551
E
16.00
0.630
E1
14.00
0.551
e
0.65
0.026
K
0°
3.5°
0.75°
0°
3.5°
0.75°
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
1.00
0.039
A
A2
A1
b
e
h
c
L
L1
E
E1
D1
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com