Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV82X7DT Datasheet(PDF) 146 Page - STMicroelectronics

Part # STV82X7DT
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7DT Datasheet(HTML) 146 Page - STMicroelectronics

Back Button STV82X7DT Datasheet HTML 141Page - STMicroelectronics STV82X7DT Datasheet HTML 142Page - STMicroelectronics STV82X7DT Datasheet HTML 143Page - STMicroelectronics STV82X7DT Datasheet HTML 144Page - STMicroelectronics STV82X7DT Datasheet HTML 145Page - STMicroelectronics STV82X7DT Datasheet HTML 146Page - STMicroelectronics STV82X7DT Datasheet HTML 147Page - STMicroelectronics STV82X7DT Datasheet HTML 148Page - STMicroelectronics STV82X7DT Datasheet HTML 149Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 146 / 149 page
background image
Revision History
STV82x7
146/149
16
Revision History
Revision
Date
Modification
1.96
April 2004
Preliminary Datasheet - First Issue.
1.97
April 2004
Updates to Chapter 13: Electrical Characteristics on page 132.
1.98
April 2004
Added Figure 8: STV82x6/STV82x7 Compatible Application Electrical Diagram
on page 18. Added Section 11.2: Start-up and Configuration Change Procedure on
page 47. Update of Table 21: Demod Matrix on page 94. Changes to function
descriptions in Section 12.18: Volume on page 116. Other minor corrections.
1.99
June 2004
Updates to Table 3: TQFP80 Pin Description on page 14, Section 13.5: Analog Sound
IF Signal on page 133, Section 13.9: I2S to LS/HP/SUB/C Path Characteristics on
page 135, Section 13.10: I²S to SCART Path Characteristics on page 136 and Section
13.12: Digital I/Os Characteristics on page 136.
2.0
June 2004
Updates to Table 7: RESET Default Values on page 45, Table 12: Audio Processing for
Loudspeakers, Headphone, SCART and S/PDIF outputs on page 27,
Table 19: Volume Control on page 36, Table 27: Flow chart on page 47 and Section
12.1: I²C Register Map on page 49. Added Register : SPDIF_CHANNEL_STATUS.
Other minor corrctions and modifications.
2.01
July 2004
Added logos to page 1. Added notes to Figure 3, Figure 4 and Figure 5. Removed “Pro
Logic OFF Switch” from Table 12, Table 13, Table 14 and Table 16. Other minor
modifications and cosmetic changes.
2.02
July 2004
Added ST Voice logo to page 1. Modification to ST OmniSurround version in Table 1.
Modifications to text in Section 4.1: Back-end Processing on page 24. Other minor
modifications and cosmetic changes.
2.03
January 2005
Update of bits I2S_OUT_SELECT[1:0] of ADC_CTRL register (56h).
3
February 2005
Modified STSRND-STEREO on page 52 (removed shading), ADC-CTRL register
I2S0_DATA0_CTRL field modification on page 74 and OFF added in PL2_C_WIDTH
and PL2_DIMENSION on page 102.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com