Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC5410X Datasheet(PDF) 24 Page - NXP Semiconductors

Part # LPC5410X
Description  32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC5410X Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button LPC5410X Datasheet HTML 20Page - NXP Semiconductors LPC5410X Datasheet HTML 21Page - NXP Semiconductors LPC5410X Datasheet HTML 22Page - NXP Semiconductors LPC5410X Datasheet HTML 23Page - NXP Semiconductors LPC5410X Datasheet HTML 24Page - NXP Semiconductors LPC5410X Datasheet HTML 25Page - NXP Semiconductors LPC5410X Datasheet HTML 26Page - NXP Semiconductors LPC5410X Datasheet HTML 27Page - NXP Semiconductors LPC5410X Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 95 page
background image
LPC5410x
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.11 — 19 September 2019
24 of 95
NXP Semiconductors
LPC5410x
32-bit ARM Cortex-M4/M0+ microcontroller
7.12 Memory mapping
The LPC5410x incorporates several distinct memory regions. The APB peripheral area is
512 kB in size and is divided to allow for up to 32 peripherals.Each peripheral is allocated
16 kB of space simplifying the address decoding. The registers incorporated into the CPU,
such as NVIC, SysTick, and sleep mode control, are located on the private peripheral bus.
Figure 6 shows the overall map of the entire address space from the user program
viewpoint following reset.
Fig 6.
LPC5410x Memory mapping
31-15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0x400F FFFF
0x400B C000
0x400B 8000
0x400B 4000
0x400B 0000
0x400A C000
0x400A 8000
0x400A 4000
0x400A 0000
0x4009 C000
0x4009 8000
0x4009 4000
0x4009 0000
0x4008 C000
0x4008 8000
0x4008 4000
0x4008 0000
(reserved)
Timer 1
Timer 0
(reserved)
(reserved)
SPI 1
SPI 0
(reserved)
I 2C 2
I2C 1
I2C 0
USART 3
USART 2
USART 1
USART 0
APB1 peripherals
31-30
29
28
27 -21
20
19 :16
15
14
9
8
7
6
5
4
3
2
1
0
0x4007 FFFF
0x4007 8000
0x4007 4000
0x4007 0000
0x4005 4000
0x4005 0000
0x4004 0000
0x4003 C000
0x4003 8000
0x4002 8000
0x4002 4000
0x4002 0000
0x4001 C000
0x4001 8000
0x4001 4000
0x4001 0000
0x4000 C000
0x4000 8000
0x4000 4000
0x4000 0000
(reserved)
MRT
RIT
(reserved)
Input Mux
(reserved)
RTC
Watchdog Timer
(reserved)
Flash controller
MicroTick Timer
IOCON
PINT
GINT 1
GINT 0
Timer 4
Timer 3
Timer 2
Syscon
APB0 peripherals
4 GB
active interrupt vectors
(reserved)
private peripheral bus
APB peripheral group 1
APB peripheral group 0
(reserved)
(reserved)
(reserved)
reserved
(reserved)
Boot and Driver ROM
APB peripheral
bit-band addressing
SRAM1 (up to 32 kB)
SRAM0 (up to 64 kB)
512 kB flash memory
Memory space
0xFFFF FFFF
0xE010 0000
0xE000 0000
0x4400 0000
0x4200 0000
0x4010 0000
0x4008 0000
0x4000 0000
0x0300 0000
0x0201 0000
0x0200 0000
0x0008 0000
0x0000 0000
ADC0
Mailbox
(reserved)
(reserved)
SCT0
CRC Engine
reserved
(reserved)
DMA registers
GPIO
(reserved)
Peripheral FIFOs (VFIFO)
0x1C00 0000
0x1C00 4000
0x1C01 C000
0x1C02 C000
0x1C01 4000
0x1C01 8000
0x1C00 8000
0x1C01 0000
0x1C03 8000
0x1C03 C000
0x1C03 0000
0x1C03 4000
0x0301 0000
0x0340 0000
0x0201 8000
0x0000 0000
0x0000 00C0
0x0340 2000
SRAM2 (8 kB)
reserved
0x4002 C000
11
ADVSYSCON
ASYNCHSYSCON
10
reserved
13:12
aaa-015472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com