Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC5410X Datasheet(PDF) 47 Page - NXP Semiconductors

Part # LPC5410X
Description  32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC5410X Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button LPC5410X Datasheet HTML 43Page - NXP Semiconductors LPC5410X Datasheet HTML 44Page - NXP Semiconductors LPC5410X Datasheet HTML 45Page - NXP Semiconductors LPC5410X Datasheet HTML 46Page - NXP Semiconductors LPC5410X Datasheet HTML 47Page - NXP Semiconductors LPC5410X Datasheet HTML 48Page - NXP Semiconductors LPC5410X Datasheet HTML 49Page - NXP Semiconductors LPC5410X Datasheet HTML 50Page - NXP Semiconductors LPC5410X Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 95 page
background image
LPC5410x
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.11 — 19 September 2019
47 of 95
NXP Semiconductors
LPC5410x
32-bit ARM Cortex-M4/M0+ microcontroller
[1]
Typical ratings are not guaranteed. Typical values listed are at room temperature (25
C).
[2]
Characterized through bench measurements using typical samples. VDD = 3.3 V
[3]
Tested in production, VDD = 3.6 V
Table 13.
Static characteristics: Power consumption in deep sleep, power down, and deep power-down modes
Tamb = 40 C to +105 C, 2.7 V . VDD  3.6 V; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1][2]
Max[3]
Unit
IDD
supply current
Deep sleep mode; all SRAM
on:
Tamb = 25 C
[2]
-
306
480
A
Tamb = 105 C
-
-
2.3
mA
Power down mode;
first 8 kB in SRAM0
powered:
Tamb = 25 C
[2]
-5
10
A
Tamb = 105 C-
-
115
A
SRAM0 (64 kB) powered
-
7.3
-
A
SRAM0 (64 kB), SRAM1
(32 kB) powered
-
8.6
-
A
SRAM0 (64 kB), SRAM1
(32 kB), SRAM2 (8 kB)
powered
-9
-
A
Deep power-down mode;
RTC oscillator input
grounded (RTC oscillator
disabled)
Tamb = 25 C
[2]
-
200
570
nA
Tamb = 105 C-
20
A
RTC oscillator running with
external crystal
-
280
-
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com