Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC5410X Datasheet(PDF) 80 Page - NXP Semiconductors

Part # LPC5410X
Description  32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC5410X Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button LPC5410X Datasheet HTML 76Page - NXP Semiconductors LPC5410X Datasheet HTML 77Page - NXP Semiconductors LPC5410X Datasheet HTML 78Page - NXP Semiconductors LPC5410X Datasheet HTML 79Page - NXP Semiconductors LPC5410X Datasheet HTML 80Page - NXP Semiconductors LPC5410X Datasheet HTML 81Page - NXP Semiconductors LPC5410X Datasheet HTML 82Page - NXP Semiconductors LPC5410X Datasheet HTML 83Page - NXP Semiconductors LPC5410X Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 95 page
background image
LPC5410x
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.11 — 19 September 2019
80 of 95
NXP Semiconductors
LPC5410x
32-bit ARM Cortex-M4/M0+ microcontroller
14. Package outline
Fig 30. WLCSP49 Package outline (Applies to LPC5410x Device Revision 1B)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
- - -
wlcsp49_lpc5410_po
Unit
mm
max
nom
min
0.58
0.54
0.50
0.23
0.20
0.17
0.29
0.26
0.23
3.318
3.288
3.258
3.318
3.288
3.258
2.4
2.4
0.05
A
Dimensions (mm are the original dimensions)
A1
A2
0.37
0.34
0.31
bD
E
0.03
y
e
0.4
e1
e2
v
0.015
w
ball A1
index area
ball A1
index area
X
e2
e
detail X
C
y
e1
e
b
A
C
B
Ø v
C
Ø w
A
B
C
D
E
F
G
7
6
5
4
3
2
1
B
D
E
A
A
A2
A1
13-09-16
14-11-03
LPC5410
WLCSP49: wafer level chip-scale package; 49 bumps; 3.29 x 3.29 x 0.54 mm (backside coating included)
scale
0
3 mm
LPC5410
Note
Backside coating 40 μm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com