Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC5410X Datasheet(PDF) 33 Page - NXP Semiconductors

Part # LPC5410X
Description  32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC5410X Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button LPC5410X Datasheet HTML 29Page - NXP Semiconductors LPC5410X Datasheet HTML 30Page - NXP Semiconductors LPC5410X Datasheet HTML 31Page - NXP Semiconductors LPC5410X Datasheet HTML 32Page - NXP Semiconductors LPC5410X Datasheet HTML 33Page - NXP Semiconductors LPC5410X Datasheet HTML 34Page - NXP Semiconductors LPC5410X Datasheet HTML 35Page - NXP Semiconductors LPC5410X Datasheet HTML 36Page - NXP Semiconductors LPC5410X Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 95 page
background image
LPC5410x
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.11 — 19 September 2019
33 of 95
NXP Semiconductors
LPC5410x
32-bit ARM Cortex-M4/M0+ microcontroller
• Burst conversion mode for single or multiple inputs.
• Synchronous or asynchronous operation. Asynchronous operation maximizes
flexibility in choosing the ADC clock frequency, Synchronous mode minimizes trigger
latency and can eliminate uncertainty and jitter in response to a trigger.
7.20 System control
7.20.1 Clock sources
The LPC5410x supports two external and three internal clock sources:
• The Internal RC (IRC).
• Watchdog oscillator (WDOSC).
• External clock source from the digital I/O pin CLKIN.
• External RTC 32 KHz clock.
• Output of the system PLL.
7.20.1.1 Internal RC oscillator (IRC)
The IRC can be used as the clock that drives the system PLL and subsequently the CPU.
The nominal IRC frequency is 12 MHz.
Upon power-up or any chip reset, the LPC5410x uses the IRC as the clock source.
Software may later switch to one of the other available clock sources.
7.20.1.2 Watchdog oscillator (WDOSC)
The watchdog oscillator is a low-power internal oscillator. The WDOSC can be used to
provide a clock to the WWDT and to the entire chip. The nominal output frequency is
500 kHz.
7.20.1.3 Clock input pin (CLKIN)
An external square-wave clock source (up to 25 MHz) can be supplied on the digital I/O
pin CLKIN.
7.20.2 System PLL
The system PLL accepts an input clock frequency in the range of 32 kHz to 12 MHz. The
input frequency is multiplied up to a high frequency with a Current Controlled Oscillator
(CCO).
The PLL can be enabled or disabled by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com