Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC5410X Datasheet(PDF) 70 Page - NXP Semiconductors

Part # LPC5410X
Description  32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC5410X Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button LPC5410X Datasheet HTML 66Page - NXP Semiconductors LPC5410X Datasheet HTML 67Page - NXP Semiconductors LPC5410X Datasheet HTML 68Page - NXP Semiconductors LPC5410X Datasheet HTML 69Page - NXP Semiconductors LPC5410X Datasheet HTML 70Page - NXP Semiconductors LPC5410X Datasheet HTML 71Page - NXP Semiconductors LPC5410X Datasheet HTML 72Page - NXP Semiconductors LPC5410X Datasheet HTML 73Page - NXP Semiconductors LPC5410X Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 95 page
background image
LPC5410x
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.11 — 19 September 2019
70 of 95
NXP Semiconductors
LPC5410x
32-bit ARM Cortex-M4/M0+ microcontroller
12.2 12-bit ADC characteristics
[1]
Based on characterization; not tested in production.
[2]
Typical ratings are not guaranteed. The values listed are at room temperature (25
C), nominal supply
voltages.
[3]
The input resistance of ADC channels 6 to 11 is higher than ADC channels 0 to 5.
[4]
Cia represents the external capacitance on the analog input channel for sampling speeds of
5.0 Msamples/s. No parasitic capacitances included.
[5]
The differential linearity error (ED) is the difference between the actual step width and the ideal step width.
See Figure 24.
[6]
The integral non-linearity (EL(adj)) is the peak difference between the center of the steps of the actual and
the ideal transfer curve after appropriate adjustment of gain and offset errors. See Figure 24.
[7]
The offset error (EO) is the absolute difference between the straight line which fits the actual curve and the
straight line which fits the ideal curve. See Figure 24.
[8]
The full-scale error voltage or gain error (EG) is the difference between the straight-line fitting the actual
transfer curve after removing offset error, and the straight line which fits the ideal transfer curve. See
Figure 24.
[9]
Tamb = 25 C; maximum sampling frequency fs = 5.0 Msamples/s and analog input capacitance Cia = 5 pF.
[10] Input impedance Zi is inversely proportional to the sampling frequency and the total input capacity including
Cia and Cio: Zi  1 / (fs  Ci). See Table 16 for Cio. See Figure 25.
Table 31.
12-bit ADC static characteristics
Tamb = 40 C to +105 C; 1.62 V  VDD  3.6 V; VREFP = VDDA; VSSA = VREFN = GND. ADC
calibrated at Tamb = 25C.
Symbol Parameter
Conditions
Min
Typ[2] Max
Unit
VIA
analog input
voltage
[3] 0-
VDDA
V
Cia
analog input
capacitance
[4] -5
-
pF
fclk(ADC) ADC clock
frequency
-
80
MHz
fs
sampling
frequency
-
-
5.0
Msamples/s
ED
differential
linearity error
VDDA = VREFP = 1.62 V [1][5] -
3
-
LSB
VDDA = VREFP = 3.6 V
2
LSB
EL(adj)
integral
non-linearity
VDDA = VREFP = 1.62 V [1][6] -
5
-
LSB
VDDA = VREFP = 3.6 V
-
2
-
LSB
EO
offset error
calibration enabled
[1][7] -
5.6
-
mV
Verr(FS)
full-scale error
voltage
VDDA = VREFP = 1.62 V [1][8] -
3
LSB
VDDA = VREFP = 3.6 V
-
3
LSB
Zi
input
impedance
fs = 5.0 Msamples/s
[9][10] 17.0
-
-
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com