Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC5410X Datasheet(PDF) 53 Page - NXP Semiconductors

Part # LPC5410X
Description  32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC5410X Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button LPC5410X Datasheet HTML 49Page - NXP Semiconductors LPC5410X Datasheet HTML 50Page - NXP Semiconductors LPC5410X Datasheet HTML 51Page - NXP Semiconductors LPC5410X Datasheet HTML 52Page - NXP Semiconductors LPC5410X Datasheet HTML 53Page - NXP Semiconductors LPC5410X Datasheet HTML 54Page - NXP Semiconductors LPC5410X Datasheet HTML 55Page - NXP Semiconductors LPC5410X Datasheet HTML 56Page - NXP Semiconductors LPC5410X Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 95 page
background image
LPC5410x
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.11 — 19 September 2019
53 of 95
NXP Semiconductors
LPC5410x
32-bit ARM Cortex-M4/M0+ microcontroller
[1]
Typical ratings are not guaranteed. The values listed are at room temperature (25
C), nominal supply voltage.
[2]
Based on characterization. Not tested in production.
[3]
With respect to ground.
[4]
Allowed as long as the current limit does not exceed the maximum current allowed by the device.
[5]
To VSS.
[6]
The values specified are simulated and absolute values, including package/bondwire capacitance.
[7]
The weak pull-up resistor is connected to the VDD rail and pulls up the I/O pin to the VDD level.
[8]
The value specified is a simulated value, excluding package/bondwire capacitance.
[9]
Guaranteed by design, not tested in production.
Open-drain I2C pins
VIH
HIGH-level input voltage
1.62 V
 VDD < 2.7 V
0.7
 VDD --
V
2.7 V
 VDD  3.6 V
0.7
 VDD --
V
VIL
LOW-level input voltage
1.62 V
 VDD < 2.7 V
0
-
0.3
 VDD V
2.7 V
 VDD  3.6 V
0
-
0.3
 VDD V
Vhys
hysteresis voltage
0.1
 VDD --
V
ILI
input leakage current
VI = VDD
[5] -
2.5
3.5
A
VI = 5 V
-
5.5
10
A
IOL
LOW-level output
current
VOL = 0.4 V; pin configured for
standard mode or fast mode
4.0
-
-
mA
VOL = 0.4V; pin configured for
Fast-mode Plus
20
-
-
mA
Pin capacitance
Cio
input/output capacitance
I2C-bus pins
[8] -
-
6.0
pF
pins with digital functions only
[6] -
-
2.0
pF
Pins with digital and analog
functions
[6] -
-
7.0
pF
Table 16.
Static characteristics: pin characteristics …continued
Tamb = 40 C to +105 C, unless otherwise specified. 1.62 V  VDD  3.6 V unless otherwise specified. Values tested in
production unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com