Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC5410X Datasheet(PDF) 67 Page - NXP Semiconductors

Part # LPC5410X
Description  32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC5410X Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button LPC5410X Datasheet HTML 63Page - NXP Semiconductors LPC5410X Datasheet HTML 64Page - NXP Semiconductors LPC5410X Datasheet HTML 65Page - NXP Semiconductors LPC5410X Datasheet HTML 66Page - NXP Semiconductors LPC5410X Datasheet HTML 67Page - NXP Semiconductors LPC5410X Datasheet HTML 68Page - NXP Semiconductors LPC5410X Datasheet HTML 69Page - NXP Semiconductors LPC5410X Datasheet HTML 70Page - NXP Semiconductors LPC5410X Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 95 page
background image
LPC5410x
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.11 — 19 September 2019
67 of 95
NXP Semiconductors
LPC5410x
32-bit ARM Cortex-M4/M0+ microcontroller
11.11 USART interface
The actual USART bit rate depends on the delays introduced by the external trace, the
external device, system clock (CCLK), and capacitive loading. Excluding delays
introduced by external device and PCB, the maximum supported bit rate for USART
master and slave synchronous modes is 24 Mbit/s.
Table 28.
USART dynamic characteristics[1]
Tamb = 40 C to 105 C; 1.62 V  VDD  3.6 V; CL = 30 pF balanced loading on all pins; SLEW =
standard mode. Parameters sampled at the 50% level of the falling or rising edge.
Symbol Parameter
Conditions
Min
Max
Unit
USART master (in synchronous mode) 1.62V
 VDD  2.0 V
tsu(D)
data input set-up time
CCLK = 1 MHz to 12 MHz
65
-
ns
CCLK = 48 MHz to 60 MHz
35
-
ns
CCLK = 96 MHz
34
-
ns
th(D)
data input hold time
CCLK = 1 MHz to 12 MHz
0
-
ns
CCLK = 48 MHz to 60 MHz
0
-
ns
CCLK = 96 MHz
0
-
ns
tv(Q)
data output valid time
CCLK = 1 MHz to 12 MHz
0
8
ns
CCLK = 48 MHz to 60 MHz
0
2
ns
CCLK = 96 MHz
0
2
ns
USART slave (in synchronous mode) 1.62V
 VDD  2.0 V
tsu(D)
data input set-up time
CCLK = 1 MHz to 12 MHz
18
-
ns
CCLK = 48 MHz to 60 MHz
5
-
ns
CCLK = 96 MHz
4
-
ns
th(D)
data input hold time
CCLK = 1 MHz to 12 MHz
0
-
ns
CCLK = 48 MHz to 60 MHz
0
-
ns
CCLK = 96 MHz
0
-
ns
tv(Q)
data output valid time
CCLK = 1 MHz to 12 MHz
50
65
ns
CCLK = 48 MHz to 60 MHz
35
40
ns
CCLK = 96 MHz
30
36
ns
USART master (in synchronous mode) 2.7V
 VDD  3.6V
tsu(D)
data input set-up time
CCLK = 1 MHz to 12 MHz
61
-
ns
CCLK = 48 MHz to 60 MHz
22
-
ns
CCLK = 96 MHz
21
-
ns
th(D)
data input hold time
CCLK = 1 MHz to 12 MHz
0
-
ns
CCLK = 48 MHz to 60 MHz
0
-
ns
CCLK = 96 MHz
0
-
ns
tv(Q)
data output valid time
CCLK = 1 MHz to 12 MHz
0
7
ns
CCLK = 48 MHz to 60 MHz
1
2
ns
CCLK = 96 MHz
1
2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com