Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC5410X Datasheet(PDF) 61 Page - NXP Semiconductors

Part # LPC5410X
Description  32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC5410X Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button LPC5410X Datasheet HTML 57Page - NXP Semiconductors LPC5410X Datasheet HTML 58Page - NXP Semiconductors LPC5410X Datasheet HTML 59Page - NXP Semiconductors LPC5410X Datasheet HTML 60Page - NXP Semiconductors LPC5410X Datasheet HTML 61Page - NXP Semiconductors LPC5410X Datasheet HTML 62Page - NXP Semiconductors LPC5410X Datasheet HTML 63Page - NXP Semiconductors LPC5410X Datasheet HTML 64Page - NXP Semiconductors LPC5410X Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 95 page
background image
LPC5410x
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.11 — 19 September 2019
61 of 95
NXP Semiconductors
LPC5410x
32-bit ARM Cortex-M4/M0+ microcontroller
[1]
Data based on characterization results, not tested in production.
[2]
Output jitter depends on the frequency of input jitter and is equal to or less than the input jitter.
[3]
Excluding under- and overshoot which may occur when the PLL is not in lock.
[4]
A phase difference between the inputs of the PFD (clkref and clkfb) smaller than the PFD lock criterion
means lock output is HIGH.
[5]
Actual jitter dependent on amplitude and spectrum of substrate noise.
[6]
Input clock coming from a crystal oscillator with less than 250 ps peak-to-peak period jitter.
11.6 IRC
[1]
Typical ratings are not guaranteed. The value listed is at room temperature (25
C).
[2]
Tested in production.
[3]
Guaranteed by characterization, not tested in production.
11.7 RTC oscillator
See Section 13.5 for connecting the RTC oscillator to a crystal or an external clock
source.
[1]
Typical ratings are not guaranteed. The values listed are at room temperature (25
C), nominal supply
voltages.
Table 22.
Dynamic characteristics of the PLL[1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Reference clock input
Fin
input frequency
-
32.768 kHz
-
25 MHz
-
Clock output
fo
output frequency
for PLL clkout output
[3]
1.2
-
150
MHz
do
output duty cycle
for PLL clkout output
46
-
54
%
fCCO
CCO frequency
-
-
150
MHz
Lock detector output
lock(PFD)
PFD lock criterion
[4]
12
4
ns
Dynamic parameters at fout = fCCO = 100 MHz; standard bandwidth settings
Jrms-interval
RMS interval jitter
fref = 10 MHz
[5][6]
-
15
30
ps
Jpp-period
peak-to-peak, period jitter
fref = 10 MHz
[5][6]
-
40
80
ps
Table 23.
Dynamic characteristic: IRC oscillator
1.62 V
 VDD  3.6 V.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
fosc(RC)
internal RC oscillator frequency
Tamb = 25 C
[2]
12
1 %
12
12 +1 %
MHz
40 C  Tamb  +105 C
[3]
12
3.5 %
12
12 +3 %
MHz
0
C  Tamb  +85 C
[3]
12
2 %
12
12 +2.5 % MHz
Table 24.
Dynamic characteristic: RTC oscillator
1.62 V
 VDD  3.6 V[1]
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
fi
input frequency
-
-
32.768
-
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com