Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC5410X Datasheet(PDF) 45 Page - NXP Semiconductors

Part # LPC5410X
Description  32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC5410X Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button LPC5410X Datasheet HTML 41Page - NXP Semiconductors LPC5410X Datasheet HTML 42Page - NXP Semiconductors LPC5410X Datasheet HTML 43Page - NXP Semiconductors LPC5410X Datasheet HTML 44Page - NXP Semiconductors LPC5410X Datasheet HTML 45Page - NXP Semiconductors LPC5410X Datasheet HTML 46Page - NXP Semiconductors LPC5410X Datasheet HTML 47Page - NXP Semiconductors LPC5410X Datasheet HTML 48Page - NXP Semiconductors LPC5410X Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 95 page
background image
LPC5410x
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.11 — 19 September 2019
45 of 95
NXP Semiconductors
LPC5410x
32-bit ARM Cortex-M4/M0+ microcontroller
[1]
Typical ratings are not guaranteed. Typical values listed are at room temperature (25
C), 3.3V.
[2]
Clock source 12 MHz IRC. PLL disabled.
[3]
Clock source 12 MHz IRC. PLL enabled.
[4]
Characterized through bench measurements using typical samples.
[5]
Compiler settings: Keil μVision v.5.10, optimization level 0, optimized for time off.
[6]
Prefetch disabled in FLASHCFG register. System clock flash access time set by power API. SRAM0 powered, SRAM1 and SRAM2
powered down.Compiler settings: Keil μVision v.5.12, optimization level 0, optimized for time off.
[7]
First 8 kB in SRAM0 powered; Flash, SRAM1, and SRAM2 are powered down; all peripheral clocks disabled. Compiler settings: Keil
μVision v.5.12, optimization level 0, optimized for time off.
ARM Cortex-M4 in sleep mode; ARM Cortex-M0+ in sleep mode
IDD
supply current
CCLK = 12 MHz
[2][4][7]
-
990
-
A
CCLK = 100 MHz
[3][4][7]
-
4.0
-
mA
Table 11.
Static characteristics: Power consumption in active and sleep modes
Tamb = 40 C to +105 C, unless otherwise specified.1.62 V  VDD  3.6 V.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
Conditions: VDD = 3.3 V; Tamb = 25 °C; active mode; all peripherals disabled; BOD disabled;
Prefetch disabled in FLASHCFG register. System clock flash access time set by power API.
SRAM0 powered, SRAM1 and SRAM2 powered down. Measured with Keil uVision 5.12.
Optimization level 0, optimized for time off.
12 MHz: IRC enabled; PLL disabled. 24 MHz - 100 MHz: IRC enabled; PLL enabled.
Fig 9.
CoreMark power consumption: typical
A/MHz for M4 and M0+ cores
aaa-015966
12
24
36
48
60
72
84
96
108
50
80
110
140
170
Frequency (MHz)
μ/MHz
μ/MHz
μ/MHz
M4F SRAM
M4F SRAM
M4F SRAM
M0+ SRAM
M0+ SRAM
M0+ SRAM
M4F Flash
M4F Flash
M4F Flash
M0+ Flash
M0+ Flash
M0+ Flash



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com