Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W5200 Datasheet(PDF) 68 Page - WIZnet Co., Ltd

Part # W5200
Description  Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5200 Datasheet(HTML) 68 Page - WIZnet Co., Ltd

Back Button W5200 Datasheet HTML 64Page - WIZnet Co., Ltd W5200 Datasheet HTML 65Page - WIZnet Co., Ltd W5200 Datasheet HTML 66Page - WIZnet Co., Ltd W5200 Datasheet HTML 67Page - WIZnet Co., Ltd W5200 Datasheet HTML 68Page - WIZnet Co., Ltd W5200 Datasheet HTML 69Page - WIZnet Co., Ltd W5200 Datasheet HTML 70Page - WIZnet Co., Ltd W5200 Datasheet HTML 71Page - WIZnet Co., Ltd W5200 Datasheet HTML 72Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 88 page
background image
© Copyright 2013
WIZnet Co.,Ltd. All rights reserved.
68
SOCKET Initialization
Select the SOCKET and set the SN_MR(P3:P0) to MACRAW mode. Then execute the ‘OPEN’
command. After the ‘OPEN’ command, if the Sn_SR is successfully changed to
‘SOCK_MACRAW’, the SOCKET initialization is completed. Since all information about
communication (Source hardware address, Source IP address, Source port number,
Destination hardware address, Destination IP address, Destination port number, Protocol
header, etc.) is in the ‘MACRAW data’, there is no more register setting.
{
START:
/* sets MAC raw mode */
S0_MR = 0x04;
/* sets OPEN command */
S0_CR = OPEN;
/* wait until Sn_SR is changed to SOCK_MACRAW */
if (Sn_SR != SOCK_MACRAW) S0_CR = CLOSE; goto START;
}
Check received data
Refer to the “5.2.2.1 Unicast & Broadcast.”
Receiving process
Process the MACRAW data of the SOCKET which received it in internal RX memory.
The structure of the MACRAW data is as below:
Figure 17 The received MACRAW data Format
The MACRAW data consists of ‘PACKET-INFO,’ ‘DATA packet’ and 4bytes CRC. The ‘PACKET-
INFO’ is the length of the DATA packet. The ‘DATA packet’ consists of 6bytes ‘Destination
MAC address,’ 6bytes ‘Source MAC address’ and 2bytes ‘Type,’ 46~1500 bytes ‘Payload.’
The ‘Payload’ of DATA packet consists of Internet protocol such as ARP, IP according to the
‘Type.’ The details of ‘Type’ please refer to the web:
(
U
http://www.iana.org/assignments/ethernet-numbers
U
)
{
/* calculate offset address */
src_mask = Sn_RX_RD & gSn_RX_MASK;
// src_mask is offset address
/* calculate start address(physical address) */



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com