Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W5200 Datasheet(PDF) 34 Page - WIZnet Co., Ltd

Part # W5200
Description  Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5200 Datasheet(HTML) 34 Page - WIZnet Co., Ltd

Back Button W5200 Datasheet HTML 30Page - WIZnet Co., Ltd W5200 Datasheet HTML 31Page - WIZnet Co., Ltd W5200 Datasheet HTML 32Page - WIZnet Co., Ltd W5200 Datasheet HTML 33Page - WIZnet Co., Ltd W5200 Datasheet HTML 34Page - WIZnet Co., Ltd W5200 Datasheet HTML 35Page - WIZnet Co., Ltd W5200 Datasheet HTML 36Page - WIZnet Co., Ltd W5200 Datasheet HTML 37Page - WIZnet Co., Ltd W5200 Datasheet HTML 38Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 88 page
background image
© Copyright 2013
WIZnet Co.,Ltd. All rights reserved.
34
address that is acquired by ARP-process of CONNECT or SEND command. The host can acquire
the destination hardware address through Sn_DHAR after successfully performing CONNET or
SEND command.
When using PPPoE-process of W5200, PPPoE server hardware address is not required to be set.
However, even if PPPoE-process of W5200 is not used, but implemented by yourself with
MACRAW mode, in order to transmit or receive the PPPoE packet, PPPoE server hardware
address(acquired by your PPPoE-process), PPPoE server IP address, and PPP session ID should
be set, and MR(PPPoE) also should be set as '1'.
S0_DHAR sets the PPPoE server hardware address before the OPEN command. PPPoE server
hardware address which is set by S0_DHAR is applied to PDHAR after performing the OPEN
command. The configured PPPoE information is internally valid even after the CLOSE command.
Ex) In case of Socket 0 Destination Hardware address = 08.DC.00.01.02.10, configuration is
as below,
0x4006
0x4007
0x4008
0x4009
0x400A
0x400B
0x08
0xDC
0x00
0x01
0x02
0x0A
Sn_DIPR (Socket n Destination IP Address Register)[R/W][0x400C+0x0n00 0x400F+0x0n00]
[0x00000000]
It sets or is set as destination IP address of Socket n . If SOCKET0 is used as PPPoE mode, S0_DIPR
sets PPPoE server IP address that is already known. It is valid only in TCP, UDP, IPRAW or PPPoE
mode, but ignored in MACRAW mode. At the TCP mode, when operating as "TCP CLIENT" it sets
as IP address of "TCP SERVER" before performing CONNECT command and when operating as
"TCP SERVER", it is internally set as IP address of "TCP CLIENT" after successfully establishing
connection.
At the UDP or IPRAW mode, Sn_DIPR sets as destination IP address to be used for transmitting
UDP or IPRAW DATA packet before performing SEND or SEND_MAC command.
Ex) In case of Socket 0 Destination IP address = 192.168.0.11, configure as below.
0x400C
0x400D
0x400E
0x400F
192 (0xC0)
168 (0xA8)
0 (0x00)
11 (0x0B)
Sn_DPORT (Socket n Destination Port Register)[R/W][0x4010+0x0n00-0x4011+0x0n00]
[0x00]
The destination port number is set in the Sn_DPORT of Socket n . If SOCKET 0 is used as PPPoE
mode, S0_DPORT0 sets PPP session ID that is already known. It is valid only in TCP, UDP or PPPoE
mode, and ignored in other modes.
At the TCP mode, when operating as "TCP CLIENT", it listens for the port number of the "TCP
SERVER" before performing the CONNECT command.
At the UDP mode, the destination port number is set in the Sn_DPORT to be used for transmitting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com