Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W5200 Datasheet(PDF) 10 Page - WIZnet Co., Ltd

Part # W5200
Description  Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5200 Datasheet(HTML) 10 Page - WIZnet Co., Ltd

Back Button W5200 Datasheet HTML 6Page - WIZnet Co., Ltd W5200 Datasheet HTML 7Page - WIZnet Co., Ltd W5200 Datasheet HTML 8Page - WIZnet Co., Ltd W5200 Datasheet HTML 9Page - WIZnet Co., Ltd W5200 Datasheet HTML 10Page - WIZnet Co., Ltd W5200 Datasheet HTML 11Page - WIZnet Co., Ltd W5200 Datasheet HTML 12Page - WIZnet Co., Ltd W5200 Datasheet HTML 13Page - WIZnet Co., Ltd W5200 Datasheet HTML 14Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 88 page
background image
© Copyright 2013
WIZnet Co.,Ltd. All rights reserved.
10
If you don’t use SPI mode, in other words, if you want to
use indirect mode, then you tied this signal to ‘0’.
This function activate only when reset period.
(*) These pins are related with indirect interface mode. If you need details, Please refer
to the W5200_AN_Indirect.pdf file.
1.2 PHY Signals
Symbol
Type
Pin No
Description
RXIP
I
20
RXIP/RXIN Signal Pair
The differential data from the media is received on
the RXIP/RXIN signal pair.
RXIN
I
21
TXOP
O
17
TXOP/TXON Signal Pair
The differential data is transmitted to the media on
the TXOP/TXIN signal pair.
TXON
O
18
BIAS
O
12
BIAS Register
Connect a resistor of 28.7
㏀±1% to the ground.
Refer to the “Reference schematic”.
ANE
I
29
Auto Negotiation Mode Enable
This pin selects Enable/Disable of Auto Negotiation
Mode.
Low :Auto Negotiation Mode Disable
High : Auto Negotiation Mode Enable
A0/DUP
I
30
Full Duplex Mode Enable
This pin selects Enable/Disable of Full Duplex Mode.
Low = Half Duplex Mode Enable
High = Full Duplex Mode Enable
This function activates only during reset period.
A1/SPD
I
31
Speed Mode
This pin selects 100M/10M Speed Mode.
Low = 10M Speed Mode
High = 100M Speed Mode
This function activates only during reset period.
1.3 Miscellaneous Signals
Symbol
Type
Pin No
Description
FDXLEDn/M2
SPDLEDn/M1
LINKLEDn/M0
I
3,
4,
5
W5200 MODE SELECT
Normal mode : 111
Other test modes are internal test mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com