Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W5200 Datasheet(PDF) 35 Page - WIZnet Co., Ltd

Part # W5200
Description  Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5200 Datasheet(HTML) 35 Page - WIZnet Co., Ltd

Back Button W5200 Datasheet HTML 31Page - WIZnet Co., Ltd W5200 Datasheet HTML 32Page - WIZnet Co., Ltd W5200 Datasheet HTML 33Page - WIZnet Co., Ltd W5200 Datasheet HTML 34Page - WIZnet Co., Ltd W5200 Datasheet HTML 35Page - WIZnet Co., Ltd W5200 Datasheet HTML 36Page - WIZnet Co., Ltd W5200 Datasheet HTML 37Page - WIZnet Co., Ltd W5200 Datasheet HTML 38Page - WIZnet Co., Ltd W5200 Datasheet HTML 39Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 88 page
background image
© Copyright 2013
WIZnet Co.,Ltd. All rights reserved.
35
UDP DATA packets before performing SEND or SEND_MAC command.
At the PPPoE mode, the PPP session ID that is already known is set in the S0_DPORT. PPP session
ID (set by S0_DPORT0) is applied to PSIDR after performing the OPEN command.
Ex) In case of Socket 0 Destination Port = 5000(0x1388), configure as below,
0x4010
0x4011
0x13
0x88
Sn_MSS (Socket n Maximum Segment Size Register)[R/W][0x4012+0x0n00-0x4013+0x0n00]
[0x0000]
This register is used for MSS (Maximum Segment Size) of TCP, and the register displays MSS set
by the other party when TCP is activated in Passive Mode. It just supports TCP or UDP mode.
When using PPPoE (MR(PPPoE)=‘1’), the MTU of TCP or UDP mode is assigned in the range of
MTU of PPPoE.
Mode
Normal (MR(PPPoE)=‘0’)
PPPoE (MR(PPPoE)=‘1’)
Default
MTU
Range
Default
MTU
Range
TCP
1460
1 ~ 1460
1452
1 ~ 1452
UDP
1472
1 ~ 1472
1464
1 ~ 1464
IPRAW
1480
1472
MACRAW
1514
At the IPRAW or MACRAW, MTU is not processed internally, but default MTU is used. Therefore,
when transmitting the data bigger than default MTU, the host should manually divide the data
into the unit of default MTU.
At the TCP or UDP mode, if transmitting data is bigger than MTU, W5200 automatically divides
the data into the unit of MTU. MTU is called as MSS at the TCP mode. By selecting from Host-
Written-Value and peer's MSS, MSS is set as smaller value through TCP connection process.
Ex) In case of Socket 0 MSS = 1460(0x05B4), configure as below,
0x4012
0x4013
0x05
0xB4
Sn_PROTO (Socket n IP Protocol Register) [R/W] [0x4014+0x0n00] [0x00]
It is a 1 byte register that sets the protocol number field of the IP header at the IP layer. It is
valid only in IPRAW mode, and ignored in other modes. Sn_PROTO is set before OPEN command.
When Socket n is opened in IPRAW mode, it transmits and receives the data of the protocol
number set in Sn_PROTO. Sn_PROTO can be assigned in the range of 0x00 ~ 0xFF, but W5200
does not support TCP(0x06) and UDP(0x11) protocol number
Protocol number is defined in IANA(Internet assigned numbers authority). For the detail, refer
to online document (
U
http://www.iana.org/assignments/protocol-numbers
U
).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com