| Electronic Components Datasheet Search |
|
W5200 Datasheet(PDF) 22 Page - WIZnet Co., Ltd |
|
|
|||||||||||||||||||||||||||||
W5200 Datasheet(HTML) 22 Page - WIZnet Co., Ltd |
|
22 / 88 page ![]() © Copyright 2013 WIZnet Co.,Ltd. All rights reserved. 22 d. S0_IR is cleared. As IR2 is not 0x00, INTn should be asserted low right after 1PLL_CLK. However, as INTLEVEL is 0x000F, the interrupt about IR is processed after IAWT(16 PLL_CLK). IR2(W5200 SOCKET Interrupt Register)[R/W][0x0034][0x00] IR2 is the Register to notify W5200 SOCKET interrupt to the Host. If any interrupt occurs, the related bit of IR2 is set as ‘1’. When related Mask Bit is ‘1’, INTn signal is asserted low. INTn keeps low until all bits of Sn_IR becomes ‘0’. If all bits of Sn_IR become ‘0’, it becomes high automatically. 7 6 5 4 3 2 1 0 S7_INT S6_INT S5_INT S4_INT S3_INT S2_INT S1_INT S0_INT Bit Symbol Description 7 S7_INT When an interrupt occurs at SOCKET 7 , it becomes ‘1’. This interrupt information is applied to S7_IR. This bit is automatically cleared when S7_IR is cleared to 0x00 by host. 6 S6_INT When an interrupt occurs at SOCKET 6 , it becomes ‘1’. This interrupt information is applied to S6_IR. This bit is automatically cleared when S6_IR is cleared to 0x00 by host. 5 S5_INT When an interrupt occurs at SOCKET 5 , it becomes ‘1’. This interrupt information is applied to S5_IR. This bit is automatically cleared when S5_IR is cleared to 0x00 by host. 4 S4_INT When an interrupt occurs at SOCKET 4 , it becomes ‘1’. This interrupt information is applied to S4_IR. This bit is automatically cleared when S4_IR is cleared to 0x00 by host. 3 S3_INT When an interrupt occurs at SOCKET 3 , it becomes ‘1’. This interrupt information is applied to S3_IR. This bit is automatically cleared when S3_IR is cleared to 0x00 by host. 2 S2_INT When an interrupt occurs at SOCKET 2 , it becomes ‘1’. This interrupt information is applied to S2_IR. This bit is automatically cleared when S2_IR is cleared to 0x00 by host. 1 S1_INT When an interrupt occurs at SOCKET 1 , it becomes ‘1’. This interrupt information is applied to S1_IR. This bit is automatically cleared when S1_IR is cleared to 0x00 by host. 0 S0_INT When an interrupt occurs at SOCKET 0 , it becomes ‘0’. This interrupt information is applied to S0_IR. This bit is automatically cleared when S0_IR is cleared to 0x00 by host. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |