Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W5200 Datasheet(PDF) 79 Page - WIZnet Co., Ltd

Part # W5200
Description  Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5200 Datasheet(HTML) 79 Page - WIZnet Co., Ltd

Back Button W5200 Datasheet HTML 75Page - WIZnet Co., Ltd W5200 Datasheet HTML 76Page - WIZnet Co., Ltd W5200 Datasheet HTML 77Page - WIZnet Co., Ltd W5200 Datasheet HTML 78Page - WIZnet Co., Ltd W5200 Datasheet HTML 79Page - WIZnet Co., Ltd W5200 Datasheet HTML 80Page - WIZnet Co., Ltd W5200 Datasheet HTML 81Page - WIZnet Co., Ltd W5200 Datasheet HTML 82Page - WIZnet Co., Ltd W5200 Datasheet HTML 83Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 88 page
background image
© Copyright 2013
WIZnet Co.,Ltd. All rights reserved.
79
7
Electrical Specifications
7.1 Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD
DC Supply voltage
-0.5 to 3.63
V
VIN
DC input voltage
-0.5 to 5.5 (5V tolerant)
V
IIN
DC input current
5
mA
TOP
Operating temperature
-40 to +85
C
TSTG
Storage temperature
-55 to 125
C
*COMMENT: Stressing the device beyond the “Absolute Maximum Ratings” may cause permanent
damage.
7.2 DC Characteristics
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
VDD
DC Supply voltage
Junction
temperature is from
-55°C to 125°C
2.97
3.63
V
VIH
High level input voltage
2.0
5.5
V
VIL
Low level input voltage
- 0.3
0.8
V
VOH
High level output voltage
IOH = 4 ~8 mA
2.4
V
VOL
Low level output voltage
IOL = 4 ~8mA
0.4
V
II
Input Current
VIN = VDD
5
A
7.3 POWER DISSIPATION(Vcc 3.3V Temperature 25°C)
Condition
Min
Typ
Max
Unit
100M Link
-
160
175
mA
10M Link
-
110
125
mA
Loss Link
-
125
140
mA
100M Transmitting
-
160
175
mA
10M Transmitting
-
110
125
mA
Power Down mode
-
2
4
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com