Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W5200 Datasheet(PDF) 84 Page - WIZnet Co., Ltd

Part # W5200
Description  Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5200 Datasheet(HTML) 84 Page - WIZnet Co., Ltd

Back Button W5200 Datasheet HTML 80Page - WIZnet Co., Ltd W5200 Datasheet HTML 81Page - WIZnet Co., Ltd W5200 Datasheet HTML 82Page - WIZnet Co., Ltd W5200 Datasheet HTML 83Page - WIZnet Co., Ltd W5200 Datasheet HTML 84Page - WIZnet Co., Ltd W5200 Datasheet HTML 85Page - WIZnet Co., Ltd W5200 Datasheet HTML 86Page - WIZnet Co., Ltd W5200 Datasheet HTML 87Page - WIZnet Co., Ltd W5200 Datasheet HTML 88Page - WIZnet Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 84 / 88 page
background image
© Copyright 2013
WIZnet Co.,Ltd. All rights reserved.
84
9
Package Descriptions
Figure 27 Package Dimensions
Note:
1. All dimensions are in millimeters.
2. Die thickness allowable is 0.0304 mm MAXMUM (0.012 Inches MAXIMUM)
3. Dimension & tolerances conform to same Y14.5M. -1994.
4. Dimension applies to plated terminal and is measured between 0.20 and
0.25mm from terminal tip.
5. The pin #1 identifier must be placed on the top surface of the package by using
indentation mark or other feature of package body.
6. Exact shape and size of this feature is optional.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com