Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W5200 Datasheet(PDF) 19 Page - WIZnet Co., Ltd

Part # W5200
Description  Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5200 Datasheet(HTML) 19 Page - WIZnet Co., Ltd

Back Button W5200 Datasheet HTML 15Page - WIZnet Co., Ltd W5200 Datasheet HTML 16Page - WIZnet Co., Ltd W5200 Datasheet HTML 17Page - WIZnet Co., Ltd W5200 Datasheet HTML 18Page - WIZnet Co., Ltd W5200 Datasheet HTML 19Page - WIZnet Co., Ltd W5200 Datasheet HTML 20Page - WIZnet Co., Ltd W5200 Datasheet HTML 21Page - WIZnet Co., Ltd W5200 Datasheet HTML 22Page - WIZnet Co., Ltd W5200 Datasheet HTML 23Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 88 page
background image
© Copyright 2013
WIZnet Co.,Ltd. All rights reserved.
19
IMR(Interrupt Mask Register)[R/W][0x0016][0x00]
The Interrupt Mask Register is used to mask interrupts. Each interrupt mask bit corresponds to
a bit in the Interrupt Register2 (IR2). If an interrupt mask bit is set, an interruption will be
issued whenever the corresponding bit in the IR2 is set. If any bit in the IMR is set as ‘0’ an
interrupt will not occur though the bit.
7
6
5
4
3
2
1
0
S7_IMR
S6_IMR
S5_IMR
S4_IMR
S3_IMR
S2_IMR
S1_IMR
S0_IMR
Bit
Symbol
Description
7
S7_IMR
IR2(S7_INT) Interrupt Mask
6
S6_IMR
IR2(S6_INT) Interrupt Mask
5
S5_IMR
IR2(S5_INT) Interrupt Mask
4
S4_IMR
IR2(S4_INT) Interrupt Mask
3
S3_IMR
IR2(S3_INT) Interrupt Mask
2
S2_IMR
IR2(S2_INT) Interrupt Mask
1
S1_IMR
IR2(S1_INT) Interrupt Mask
0
S0_IMR
IR2(S0_INT) Interrupt Mask
RTR (Retry Time-value Register) [R/W] [0x0017 – 0x0018] [0x07D0]
It configures the retransmission timeout-period. The standard unit of RTR is 100us. RTR is
initialized with 2000(0x07D0) and has 200ms timeout-period.
Ex) When timeout-period is set as 400ms, RTR = (400ms / 1ms) X 10 = 4000(0x0FA0)
0x0017
0x0018
0x0F
0xA0
Re-transmission will occur if there is no response from the remote peer to the commands of
CONNECT, DISCON, CLOSE, SEND, SEND_MAC and SEND_KEEP, or the response is delayed.
RCR (Retry Count Register) [R/W] [0x0019] [0x08]
It configures the number of retransmission times. When retransmission occurs as many as
‘RCR+1’ times, Timeout interrupt is set (‘TIMEOUT’ bit of Sn_IR is set as ‘1’).
In case of using TCP communication, the value of Sn_SR (Socket n Status Register) is
changed to ‘SOCK_CLOSED’ and Sn_IR(Socket n Status Register) (TIMEOUT) turns into ‘1’.
In case of not using TCP communication, only Sn_IR(TIMEOUT) turns into ‘1’.
Ex) RCR = 0x0007
0x0019
0x07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com