Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W5200 Datasheet(PDF) 24 Page - WIZnet Co., Ltd

Part # W5200
Description  Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5200 Datasheet(HTML) 24 Page - WIZnet Co., Ltd

Back Button W5200 Datasheet HTML 20Page - WIZnet Co., Ltd W5200 Datasheet HTML 21Page - WIZnet Co., Ltd W5200 Datasheet HTML 22Page - WIZnet Co., Ltd W5200 Datasheet HTML 23Page - WIZnet Co., Ltd W5200 Datasheet HTML 24Page - WIZnet Co., Ltd W5200 Datasheet HTML 25Page - WIZnet Co., Ltd W5200 Datasheet HTML 26Page - WIZnet Co., Ltd W5200 Datasheet HTML 27Page - WIZnet Co., Ltd W5200 Datasheet HTML 28Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 88 page
background image
© Copyright 2013
WIZnet Co.,Ltd. All rights reserved.
24
3
Reserved
Reserved
2
Reserved
Reserved
1
Reserved
Reserved
0
Reserved
Reserved
4.2 Socket Registers
Sn3_MR (Socket n Mode Register) [R/W] [0x4000+0x0n00] [0x00]4
This register sets up socket option or protocol type for each socket.
7
6
5
4
3
2
1
0
MULTI
MF
ND / MC
P3
P2
P1
P0
Bit
Symbol
Description
7
MULTI
Multicasting
0 : disable Multicasting
1 : enable Multicasting
It is applied only in case of UDP.
For using multicasting, write multicast group address to Socket n
Destination IP and multicast group port number to Socket n Destination
Port Register, before OPEN command.
6
MF
MAC Filter
0 : Disable MAC filter
1 : Enable MAC filter
It is used in MACRAW (P3~P0: “0100”).
When this bit is set as ‘1’, W5200 can receive packet that is belong in
itself or broadcasting. When this bit is set as ‘0’, W5200 can receive all
packets on Ethernet. When using the hybrid TCP/IP stack, it is
recommended to be set as ‘1’ for reducing the receiving overhead of
host.
5
ND/MC
Use No Delayed ACK
0 : Disable No Delayed ACK option
1 : Enable No Delayed ACK option,
This only applies to TCP case (P3-P0 : “0001”) If this bit is set as ‘1’, ACK
packet is immediately transmitted after receiving data packet from a
peer. If this bit is cleared, ACK packet is transmitted according to internal
timeout mechanism.
3
n is Socket n-thumber (0, 1, 2, 3, 4, 5, 6, 7).
4
[Read/Write] [address of socket 0, address of socket 1, address of socket 2, address of socket 3,address of
socket 4, address of socket 5, address of socket 6, address of socket 7] [Reset value]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com