Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9083BBCZ Datasheet(PDF) 29 Page - Analog Devices

Part # AD9083BBCZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083BBCZ Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9083BBCZ Datasheet HTML 25Page - Analog Devices AD9083BBCZ Datasheet HTML 26Page - Analog Devices AD9083BBCZ Datasheet HTML 27Page - Analog Devices AD9083BBCZ Datasheet HTML 28Page - Analog Devices AD9083BBCZ Datasheet HTML 29Page - Analog Devices AD9083BBCZ Datasheet HTML 30Page - Analog Devices AD9083BBCZ Datasheet HTML 31Page - Analog Devices AD9083BBCZ Datasheet HTML 32Page - Analog Devices AD9083BBCZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 93 page
background image
Data Sheet
AD9083
Rev. 0 | Page 29 of 93
LOW-PASS, CTSD ADC OVERVIEW
The AD9083 uses a voltage control oscillator (VCO)-based
CTSD modulator ADC to convert the analog input to a digital
word. The digital word can then be processed by a digital backend
that provides decimation filtering, rate adjustment, DDC
frequency shifting, and FIR filtering. The ADC samples at a
rate (fS) between 1 GSPS and 2 GSPS. The typical maximum
oversampling ratio (OSR) is 8 for a usable bandwidth up to fS/16.
LOW-PASS Σ-Δ ADC
Figure 56 shows a simplified, single-ended representation of the
low power Σ-Δ ADC modulator. The ADC is a first-order, single-
stage modulator. The NTF is first order. Therefore, a relatively
high OSR is required to reduce noise in the signal band of
interest. For a more detailed description of the modulator,
see IEEE JSSC 2010 and IEEE JSSC 2013.
16
15
NON-
LINEARITY
CORRECTION
–
8
8
5
5
15
NON-
LINEARITY
CORRECTION
OVER-
RANGE
CORR
OVER-
RANGE
CORR
PHASE
DECODER
PHASE
DECODER
RING
SAMPLER
SIGNAL CONVERTER
10x3 – ELEMENT
ICRO
10x3 – ELEMENT
ICRO
fS
CALIBRATION UNIT
RING
SAMPLER
1–z–1
1–z–1
V/I
v(t)
Figure 56. Simplified, Single-Ended, Low Power, Σ-Δ ADC Modulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com