Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9083BBCZ Datasheet(PDF) 33 Page - Analog Devices

Part # AD9083BBCZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083BBCZ Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9083BBCZ Datasheet HTML 29Page - Analog Devices AD9083BBCZ Datasheet HTML 30Page - Analog Devices AD9083BBCZ Datasheet HTML 31Page - Analog Devices AD9083BBCZ Datasheet HTML 32Page - Analog Devices AD9083BBCZ Datasheet HTML 33Page - Analog Devices AD9083BBCZ Datasheet HTML 34Page - Analog Devices AD9083BBCZ Datasheet HTML 35Page - Analog Devices AD9083BBCZ Datasheet HTML 36Page - Analog Devices AD9083BBCZ Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 93 page
background image
Data Sheet
AD9083
Rev. 0 | Page 33 of 93
POWER MODES
The AD9083 features low power modes that enable powering
down certain blocks of the AD9083, or the entire chip, based on
trade-offs between power saving achieved and wake-up time to full
power on. These sections discuss the power-down modes available
within the AD9083. All modes are controlled via the SPI.
Full Power-Down Mode
In full power-down mode, almost all of the blocks within the
AD9083 are held in low power mode, resulting in the highest
power saving. However, this power saving results in slow wake-
up times. The ADC internal reference, on-chip clock PLL, and
the JESD204B PLL are powered on. On release of this mode, the
ADC must undergo recalibration. The on-chip clock PLL and
the JESD204B PLL must undergo relocking to achieve normal
performance.
Standby Mode
In standby mode, some of the blocks are kept running while
others are held in a clock gated mode, resulting in medium
power saving, but faster wake-up time compared to full power-
down mode. The ADC cores, on-chip clock PLL, JESD204B
PLL, and digital outputs are kept powered on. The digital and
JESD204B framer blocks are clock gated. The JESD204B link
must be reinitialized on release of this mode.
Power-On Mode
Power-on mode is the normal operation mode for the AD9083.
All blocks within the AD9083 are powered up and running at
rated frequency. However, to further reduce power during
normal operation, digital portions that do not need to be
running can be selectively clock gated. For example, if the
application only requires one numerically controlled oscillator
(NCO)/mixer, the other two NCOs/mixers can be disabled. The
same principle applies to the JESD204B lanes. The unused lanes
can be powered down.
TEMPERATURE DIODE
The AD9083 contains diode-based temperature sensors. The
output voltages of these diodes correspond to the temperature
of the silicon. There is a pair of diodes, one of which is 20× the
size of the other. It is recommended to use both diodes to
obtain an accurate estimate of the die temperature. For more
information, see the AN-1432 Application Note, Practical
Thermal Modeling and Measurements in High Power ICs. The
temperature diode voltages can be exported to the TD pin using
the SPI (see Figure 69).
TD
AVDD1P8
1x DIODE
VOLTAGE
20x DIODE
VOLTAGE
TEMPERATURE
DIODE SELECT
TEMPERATURE
DIODE
ENABLE
GND
GND
GND
Figure 69. TD Pin Using the SPI
DIGITAL SIGNAL PROCESSING OVERVIEW
The CTSD ADC includes a digital processing block between the
CTSD ADC output and the JESD204 transmitter core. The
digital signal processing block can filter and translate IF to zero
IF signals suitable for post processing by the host without any
loss of dynamic range. This block includes a programmable
CIC decimation filter, a mixer with NCO, and a highly
programmable, multistage decimation FIR filter. Figure 70
shows a simplified diagram of the digital functional block. For
clarity, Figure 70 does not show the digital datapath routing
options, which are described in the Signal Processing Tile
section.
FIR
DDC
NCO
Mx
CIC
Nx
LOW-PASS
CTSD
Figure 70. Simplified Diagram of the Digital Functional Block
The CTSD ADC provides a highly oversampled digital output
representing the desired IF signal pass band and the out-of-
band shaped noise. Figure 71 shows the spectrum of the raw
ADC output.
DESIRED
INPUT
BAND OF
INTEREST
fS/64
fS/16
fS/2
ADC NOISE
ADC DATA OUTPUT
fIN
Figure 71. Spectrum of the Raw ADC Output
The digital signal path first filters and decimates the ADC
output data by Nx. It is necessary to remove the majority of the
out of band quantization noise before any clock rate reduction
or frequency translation. Figure 72 shows the decimator output
frequency spectrum.
fS/64
fIN
fS/16
fS/2N
DECIMATED DATA OUTPUT
Figure 72. Frequency Spectrum of the Decimator Output
Next, the DDC can be enabled to perform a frequency
translation. Typically, this frequency translation is from a
middle IF down to zero IF or very low IF. Figure 73 shows a
representative of the output spectrum of the DDC output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com