Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9083BBCZ Datasheet(PDF) 55 Page - Analog Devices

Part # AD9083BBCZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083BBCZ Datasheet(HTML) 55 Page - Analog Devices

Back Button AD9083BBCZ Datasheet HTML 51Page - Analog Devices AD9083BBCZ Datasheet HTML 52Page - Analog Devices AD9083BBCZ Datasheet HTML 53Page - Analog Devices AD9083BBCZ Datasheet HTML 54Page - Analog Devices AD9083BBCZ Datasheet HTML 55Page - Analog Devices AD9083BBCZ Datasheet HTML 56Page - Analog Devices AD9083BBCZ Datasheet HTML 57Page - Analog Devices AD9083BBCZ Datasheet HTML 58Page - Analog Devices AD9083BBCZ Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 93 page
background image
Data Sheet
AD9083
Rev. 0 | Page 55 of 93
Step
No.
API Function
Input Parameters
Description
5
adi_ad9083_rx_
datapath_config_set()
&ad9083_dev: (device structure pointer)
mode: determines datapath flow, refer
to enumeration
adi_ad9083_datapath_mode_e for
exact details
dec: array of decimation value choices
including CIC decimation, J decimation,
G averaging value and H decimation
nco_freq_hz: NCO shift frequency
desired
Configures the digital datapath of the ADC based on the
desired signal path flow (determined by the mode input
parameter), the decimation rates chosen, and the NCO
frequency shift (if used). The valid adi_ad9083_datapath_
mode_e enumeration values are as follows:
AD9083_DATAPATH_ADC_CIC: ADC
→ CIC → JESD204B
Output
AD9083_DATAPATH_ADC_CIC_NCO_J: ADC
→ CIC →
NCO
→ J Decimation → JESD204B Output
AD9083_DATAPATH_ADC_CIC_J: ADC
→ CIC → NCO → J
Decimation
→ JESD204B Output
AD9083_DATAPATH_ADC_J: ADC
→ J Decimation →
JESD204B Output
AD9083_DATAPATH_ADC_CIC_NCO_G: ADC
→ CIC →
NCO
→ G average samples → JESD204B Output
AD9083_DATAPATH_ADC_CIC_NCO_G_H: ADC
→ CIC →
NCO
→ G average samples → H Decimation → JESD204B
Output
6
adi_ad9083_jtx_startup()
&ad9083_dev: (device structure pointer)
&jtx_param: pointer to array of
JESD204B parameter settings for
desired mode operation
Configures the JESD204B interface with the SERDES
parameters for the desired configuration. Array inputs are:
{L, F, M, S, HD, K, N, NP, CF, CS, DID, BID, LID, SC, SCR},
where SC = subclass
These API function calls are all that are needed to set up the
device. All lower level SPI writes are handled by the API
function calls underneath these high level calls and are
abstracted to make configuration easier for the user. More
detailed information about each of these API function calls and
the lower level SPI configuration included in the source code
can be found in the AD9083 API specification document,
which is provided with the API source code. This source code
package can be requested through the instructions provided at
the AD9083 product page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com