Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9083BBCZ Datasheet(PDF) 75 Page - Analog Devices

Part # AD9083BBCZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083BBCZ Datasheet(HTML) 75 Page - Analog Devices

Back Button AD9083BBCZ Datasheet HTML 71Page - Analog Devices AD9083BBCZ Datasheet HTML 72Page - Analog Devices AD9083BBCZ Datasheet HTML 73Page - Analog Devices AD9083BBCZ Datasheet HTML 74Page - Analog Devices AD9083BBCZ Datasheet HTML 75Page - Analog Devices AD9083BBCZ Datasheet HTML 76Page - Analog Devices AD9083BBCZ Datasheet HTML 77Page - Analog Devices AD9083BBCZ Datasheet HTML 78Page - Analog Devices AD9083BBCZ Datasheet HTML 79Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 93 page
background image
Data Sheet
AD9083
Rev. 0 | Page 75 of 93
Addr.
Name
Bits
Bit Name
Description
Reset Access
0x1C5 DDC_SYNC_STATUS
[7:1]
RESERVED
Reserved.
0x0
R
0
DDC_SYNC_EN_CLEAR
DDC Sync Enable Clear Status. DDC Sync Enable
Clear Status
0x0
R
JESD204B Transmitter (JTX) Control Registers
0x200
to
0x25F
by 1
JTX_CORE_SAMPLE_
XBARn
7
JTX_CONV_DISABLE
Converter sample mask to 0.
0x0
R/W
[6:0]
JTX_CONV_SEL
Converter sample crossbar selection.
0x0
R/W
0x260 JTX_CORE_CONFIG
7
JTX_SYSREF_FOR_RELINK
Will mask lane data to 0 until another SYSREF
pulse is received if SYNC~ is asserted. Applies to
JESD204B operation only.
0x0
R/W
6
JTX_SYSREF_FOR_STARTUP
Will mask lane data to 0 until the first SYSREF
pulse is received after reset.
0x0
R/W
[5:4]
RESERVED
Reserved.
0x0
R
3
JTX_CHKSUM_LSB_ALG
0: Sum whole octets of L0 config for checksum 1:
Sum individual fields for checksum.
0x0
R/W
2
JTX_CHKSUM_DISABLE
Checksum is always 0.
0x0
R/W
[1:0]
JTX_LINK_TYPE
Link layer type selection: 0: 204B 1: 204C 2: 204H. 0x0
R/W
0x261
to
0x264
by 1
JTX_CORE_LANE_
XBARn
7
JTX_LANE_PD
Physical lane in use based on link and crossbar
configuration.
0x0
R
6
JTX_FORCE_LANE_PD
Send 0s and activate jtx_lane_pd.
0x0
R/W
5
JTX_LANE_INV
Invert logical lane data (before crossbar).
0x0
R/W
[4:0]
JTX_LANE_SEL
Lane crossbar selection. Setting here selects
which logical lane should feed the physical lane.
0x0
R/W
0x271 JTX_CORE_TEST_
CONFIG
7
JTX_TEST_USER_GO
Activate USER_SINGLE test mode.
0x0
R/W
6
JTX_TEST_MIRROR
Reverse bit order of test data.
0x0
R/W
[5:4]
JTX_TEST_GEN_SEL
Test insertion point.
0x0
R/W
[3:0]
JTX_TEST_GEN_MODE
Test mode selection.
0: Disabled for TEST_GEN_SEL = 0, lane loopback
for TEST_GEN_SEL = 1.
1: CHECKER_BOARD
2: WORD_TOGGLE
3: PN31
5: PN15
7: PN7
8: RAMP
14: USER_REPEAT
15: USER_SINGLE.
0x0
R/W
0x272 JTX_TEST_USER_DATA0 [7:0]
JTX_TEST_USER_DATA[7:0]
User defined test data in LSBs.
0x0
R/W
0x273 JTX_TEST_USER_DATA1 [7:0]
JTX_TEST_USER_DATA[15:8]
User defined test data in LSBs.
0x0
R/W
0x274 JTX_TEST_USER_DATA2 [7:0]
JTX_TEST_USER_DATA[23:16] User defined test data in LSBs.
0x0
R/W
0x275 JTX_TEST_USER_DATA3 [7:0]
JTX_TEST_USER_DATA[31:24] User defined test data in LSBs.
0x0
R/W
0x276 JTX_TEST_USER_DATA4 [7:0]
JTX_TEST_USER_DATA[39:32] User defined test data in LSBs.
0x0
R/W
0x277 JTX_TEST_USER_DATA5 [7:0]
JTX_TEST_USER_DATA[47:40] User defined test data in LSBs.
0x0
R/W
0x278 JTX_TEST_USER_DATA6 [7:0]
JTX_TEST_USER_DATA[55:48] User defined test data in LSBs.
0x0
R/W
0x279 JTX_TEST_USER_DATA7 [7:0]
JTX_TEST_USER_DATA[63:56] User defined test data in LSBs.
0x0
R/W
0x27A JTX_TEST_USER_DATA8 [7:2]
RESERVED
Reserved.
0x0
R
[1:0]
JTX_TEST_USER_DATA[65:64] User defined test data in LSBs.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com