Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9083BBCZ Datasheet(PDF) 37 Page - Analog Devices

Part # AD9083BBCZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083BBCZ Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9083BBCZ Datasheet HTML 33Page - Analog Devices AD9083BBCZ Datasheet HTML 34Page - Analog Devices AD9083BBCZ Datasheet HTML 35Page - Analog Devices AD9083BBCZ Datasheet HTML 36Page - Analog Devices AD9083BBCZ Datasheet HTML 37Page - Analog Devices AD9083BBCZ Datasheet HTML 38Page - Analog Devices AD9083BBCZ Datasheet HTML 39Page - Analog Devices AD9083BBCZ Datasheet HTML 40Page - Analog Devices AD9083BBCZ Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 93 page
background image
Data Sheet
AD9083
Rev. 0 | Page 37 of 93
NONBURST MODE DATAPATH
Figure 80 shows the signal processing configuration in the
nonburst mode datapath. The input data can be direct from the
ADC or via the output of the CIC filter. The datapath uses
multiplexers configurable by the DP_CTRL register
(Register 0x116) to appropriately route the data. The
multiplexer control bits are shown in Figure 80.
•
The NO_DDC_MODE bit (Register 0x0116, Bit 1) of the
DP_CTRL register bypasses the NCO/mixer where
frequency translation is not required.
•
The BURST_MODE bit (Register 0x0116, Bit 2]) of the
DP_CTRL register) selects the decimate by J filter block.
I
Q
DECIMATE
BY J
DECI_ADC_DATA/
NO_DDC_MODE
ADC OUTPUT
DATA AT
fS
CIC OUTPUT
DATA AT
fS/N
NCO0
NCO0
BURST_MODE
DDC OUTPUT DATA
AT
fS/(N × J);
J = 1 IF DDC BYPASSED
SIGNAL PROCESSING TILE 1 OF 16
GAIN
ADJUST
Figure 80. Nonburst Mode Datapath Within the Signal Processing Tile Following Each ADC Channel (1 of 16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com