Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9083BBCZ Datasheet(PDF) 81 Page - Analog Devices

Part # AD9083BBCZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083BBCZ Datasheet(HTML) 81 Page - Analog Devices

Back Button AD9083BBCZ Datasheet HTML 77Page - Analog Devices AD9083BBCZ Datasheet HTML 78Page - Analog Devices AD9083BBCZ Datasheet HTML 79Page - Analog Devices AD9083BBCZ Datasheet HTML 80Page - Analog Devices AD9083BBCZ Datasheet HTML 81Page - Analog Devices AD9083BBCZ Datasheet HTML 82Page - Analog Devices AD9083BBCZ Datasheet HTML 83Page - Analog Devices AD9083BBCZ Datasheet HTML 84Page - Analog Devices AD9083BBCZ Datasheet HTML 85Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 93 page
background image
Data Sheet
AD9083
Rev. 0 | Page 81 of 93
Addr.
Name
Bits
Bit Name
Description
Reset Access
0x402 JTX_SWING
7
RESERVED
Reserved.
0x0
R
[6:4]
DRVSWING_CH1_SER_RC
SERDOUT1 output swing level.
0 = 1.00 × DVDD
1 = 0.85 × DVDD
2 = 0.75 × DVDD
3 = 0.50 × DVDD
0x1
R/W
3
RESERVED
Reserved.
0x0
R
[2:0]
DRVSWING_CH0_SER_RC
SERDOUT0 output swing level.
0 = 1.00 × DVDD
1 = 0.85 × DVDD
2 = 0.75 × DVDD
3 = 0.50 × DVDD
0x1
R/W
0x403 JTX_SWING2
7
RESERVED
Reserved.
0x0
R
[6:4]
DRVSWING_CH3_SER_RC
SERDOUT3 output swing level.
0 = 1.00 × DVDD
1 = 0.85 × DVDD
2 = 0.75 × DVDD
3 = 0.50 × DVDD
0x1
R/W
3
RESERVED
Reserved.
0x0
R
[2:0]
DRVSWING_CH2_SER_RC
SERDOUT2 output swing level.
0 = 1.00 × DVDD
1 = 0.85 × DVDD
2 = 0.75 × DVDD
3 = 0.50 × DVDD
0x1
R/W
0x40A POST_TAP_LEVEL1
7
RESERVED
Reserved.
0x0
R
[6:4]
DRVPOSTEM_CH1_SER_RC
Sets Post Tap Level for SERDOUT1.
0 = 0 dB.
1 = 3 dB.
2 = 6 dB.
3 = 9 dB.
4 = 12 dB.
5 to 7 = not applicable.
0x0
R/W
3
RESERVED
Reserved.
0x0
R
[2:0]
DRVPOSTEM_CH0_SER_RC
Sets Post Tap Level for SERDOUT0.
0 = 0 dB.
1 = 3 dB.
2 = 6 dB.
3 = 9 dB.
4 = 12 dB.
5 to 7 = not applicable.
0x0
R/W
0x40B POST_TAP_LEVEL2
7
RESERVED
Reserved.
0x0
R
[6:4]
DRVPOSTEM_CH3_SER_RC
Sets Post Tap Level for SERDOUT3.
0 = 0 dB.
1 = 3 dB.
2 = 6 dB.
3 = 9 dB.
4 = 12 dB.
5 to 7 = not applicable.
0x0
R/W
3
RESERVED
Reserved.
0x0
R
[2:0]
DRVPOSTEM_CH2_SER_RC
Sets Post Tap Level for SERDOUT2.
0 = 0 dB.
1 = 3 dB.
2 = 6 dB.
3 = 9 dB.
4 = 12 dB.
5 to 7 = not applicable.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com