Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9083BBCZ Datasheet(PDF) 61 Page - Analog Devices

Part # AD9083BBCZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083BBCZ Datasheet(HTML) 61 Page - Analog Devices

Back Button AD9083BBCZ Datasheet HTML 57Page - Analog Devices AD9083BBCZ Datasheet HTML 58Page - Analog Devices AD9083BBCZ Datasheet HTML 59Page - Analog Devices AD9083BBCZ Datasheet HTML 60Page - Analog Devices AD9083BBCZ Datasheet HTML 61Page - Analog Devices AD9083BBCZ Datasheet HTML 62Page - Analog Devices AD9083BBCZ Datasheet HTML 63Page - Analog Devices AD9083BBCZ Datasheet HTML 64Page - Analog Devices AD9083BBCZ Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 93 page
background image
Data Sheet
AD9083
Rev. 0 | Page 61 of 93
MEMORY MAP REGISTER DETAILS
Table 30. AD9083 Memory Map Register Details
Addr.
Name
Bits
Bit Name
Description
Reset Access
Analog Devices SPI Registers
0x000 SPI_INTERFACE_
CONFIG_A
7
SOFT_RESET_7
Initiates a Reset Equivalent to a Hard Reset.
Whenever a soft reset is issued, the user must
wait at least 200 µs before writing to any other
register, to provide sufficient time for the device
reset to complete.
0: Do nothing.
1: Reset the SPI and registers (self clearing).
0x0
R/W
6
LSB_FIRST_6
LSB/MSB Bit Shift First.
1: Least significant bit shifted first for all SPI
operations.
0: Most significant bit shifted first for all SPI
operations.
0x0
R/W
5
ADDR_ASCENSION_5
Multibyte SPI Operations Address Increment.
0: Multibyte SPI operations cause addresses to
auto-decrement.
1: Multibyte SPI operations cause addresses to
auto-increment.
0x0
R/W
[4:3]
RESERVED
Reserved.
0x0
R/W
2
ADDR_ASCENSION_2
Mirror of 0x000[5].
0: Multibyte SPI operations cause addresses to
auto-decrement.
1: Multibyte SPI operations cause addresses to
auto-increment.
0x0
R/W
1
LSB_FIRST_1
Mirror of 0x000[6].
1: Least significant bit shifted first for all SPI
operations.
0: Most significant bit shifted first for all SPI
operations.
0x0
R/W
0
SOFT_RESET_0
Mirror of 0x000[7].
0: Do nothing.
1: Reset the SPI and registers (self clearing).
0x0
R/W
0x01
SPI_INTERFACE_
CONFIG_B
7
SINGLE_INSTRUCTION
SPI Streaming Mode.
0: Streaming is enabled.
1: Streaming is disabled. Only one read or write
operation is performed regardless of the state of
the CSB line.
0x0
R/W
[6:0]
RESERVED
Reserved.
0x0
R/W
0x02
DEVICE_CONFIG
[7:2]
RESERVED
Reserved.
0x0
R
[1:0]
OP_MODE
Operating Mode.
0x0
R/W
00: Normal Operation.
01: Normal Operation with Reduced Power.
10: Standby.
11: Sleep.
0x03
CHIP_TYPE
[7:0]
CHIP_TYPE
High Speed ADCs.
0x3
R
0x04
PROD_ID_LSB
[7:0]
PROD_ID[7:0]
Chip ID. AD9083
0xEA
R
0x05
PROD_ID_MSB
[7:0]
PROD_ID[15:8]
Chip ID. AD9083
0x0
R
0x06
CHIP_GRADE
[7:4]
CHIP_SPEED_GRADE
Chip Speed Grade.
0x0
R
[3:0]
RESERVED
Reserved.
0x0
R
0x08
DEVICE_INDEX1
[7:0]
DEV_INDEX1
Offset Pointer or LSB of the Device Index
Register.
0x0
R/W
0x09
DEVICE_INDEX2
[7:0]
DEV_INDEX2
Offset Pointer or LSB of the Device Index
Register.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com