Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9083BBCZ Datasheet(PDF) 36 Page - Analog Devices

Part # AD9083BBCZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083BBCZ Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9083BBCZ Datasheet HTML 32Page - Analog Devices AD9083BBCZ Datasheet HTML 33Page - Analog Devices AD9083BBCZ Datasheet HTML 34Page - Analog Devices AD9083BBCZ Datasheet HTML 35Page - Analog Devices AD9083BBCZ Datasheet HTML 36Page - Analog Devices AD9083BBCZ Datasheet HTML 37Page - Analog Devices AD9083BBCZ Datasheet HTML 38Page - Analog Devices AD9083BBCZ Datasheet HTML 39Page - Analog Devices AD9083BBCZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 93 page
background image
AD9083
Data Sheet
Rev. 0 | Page 36 of 93
CASCADED INTEGRATOR COMB (CIC) FILTER
Data from each ADC is sent to the CIC filter. The CIC filter can
be bypassed, and the ADC data sent to the DDCs to decimate
the data. This is enabled by writing a 1 to the DECI_ADC_
DATA bit (Bit DB4) in the DP_CTRL register. In this mode,
the mixer is bypassed. Therefore, there is no frequency shifting
available.
The frequency response of the CIC filter built in to the AD9083
is identical to that of a second-order moving average filter of
Length N, where N is the decimation rate. The decimation rates
allowed are 4×, 8×, or 16×, based on the setting. The output of
the CIC filter is a single 16-bit data sample at a rate of fS/N
where fS is the ADC sample rate and N is the CIC decimation
ratio setting.
The response of the CIC filter under different decimation
settings is shown in Figure 78. The response is normalized to
the ADC sample frequency (fS). This normalization helps the
end user with frequency planning. For example, if the ADC fS is
2 GSPS, a fundamental frequency placed at 100 MHz incurs CIC
losses of 1.09 dB, 4.77 dB, and 25.17 dB for CIC decimation ratios
of 4×, 8×, and 16×, respectively. Therefore, for this application
use case, it is best to select a CIC decimation ratio of 4× and
rely on the DDC decimation to further decimate the data.
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0.05
0.10
0.15
0.20
0.25
NORMALIZED FREQUENCY (×
fS)
4× DECIMATION
8× DECIMATION
16× DECIMATION
Figure 78. CIC Filter Response for Decimation Ratio = 4×, 8×, and 16×;
Normalized to fS
Adjust the CIC droop with a programmable gain adjustment.
For each sample frequency, the tones are at different frequency
values and the value of droop correction required is different.
Figure 79 shows the droop characteristics to a finer detail.
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0.150
0.045 0.060 0.075 0.090 0.105 0.120 0.135
0.030
0.015
NORMALIZED FREQUENCY (×
fS)
4× DECIMATION
8× DECIMATION
16× DECIMATION
Figure 79. Zoomed in Image of the CIC Filter Response Shown in Figure 78;
Normalized to fS
The AD9083 digital datapath has a block that can be used to
program the gain to compensate for the droop. Based on the
application and the input frequency, the user can program the
appropriate gain to compensate for the loss through the CIC
filter. The gain setting to compensate for the loss is calculated
as follows
Fractional Bit Calculation ≥ frac(10(−Droop/20)) × 210
For example, if the input frequency is 25 MHz, Table 18 shows
the gain setting needed to compensate for the droop for the
various CIC decimation ratios for various frequencies. As
shown in Figure 79, the CIC roll-off must be considered when
designing the AD9083 in a system. As a general rule, keep the
IF to within 20% of the output data rate. For example, if the
highest frequency in the system is 100 MHz, then a CIC
decimation of 4× is recommended. Conversely, if a CIC
decimation of 16× is chosen, keep the IF below 25 MHz.
The CIC gain is programmed as an unsigned 4.10 word. The
first four bits represent the integer portion of the gain, and the
following 10 bits represent the fraction portion of the gain.
Table 18. Example Gain Compensation Settings for various CIC filter Roll-Off Values; fS = 2 GHz
Frequency
(MHz)
4× Decimation
8× Decimation
CIC Droop (dB)
Gain Compensation (Unsigned 4.10)
CIC Droop (dB)
Gain Compensation (Unsigned 4.10)
25
−0.0669177
0001_00_0000_1000
−0.28
0001_00_0010_0010
50
−0.2687053
0001_00_0010_0000
−1.14
0001_00_1001_0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com