Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9083BBCZ Datasheet(PDF) 63 Page - Analog Devices

Part # AD9083BBCZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083BBCZ Datasheet(HTML) 63 Page - Analog Devices

Back Button AD9083BBCZ Datasheet HTML 59Page - Analog Devices AD9083BBCZ Datasheet HTML 60Page - Analog Devices AD9083BBCZ Datasheet HTML 61Page - Analog Devices AD9083BBCZ Datasheet HTML 62Page - Analog Devices AD9083BBCZ Datasheet HTML 63Page - Analog Devices AD9083BBCZ Datasheet HTML 64Page - Analog Devices AD9083BBCZ Datasheet HTML 65Page - Analog Devices AD9083BBCZ Datasheet HTML 66Page - Analog Devices AD9083BBCZ Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 93 page
background image
Data Sheet
AD9083
Rev. 0 | Page 63 of 93
Addr.
Name
Bits
Bit Name
Description
Reset Access
2
TOPREF_PIN_CTRL
For TOP REF.
1: PD Pin and MASK Bit Control
0: CONFIG Bit Programming Control
0x0
R/W
1
CLKTOP_PIN_CTRL
Power Down for CLKTOP.
1: PD Pin and MASK Bit Control
0: CONFIG Bit Programming Control
0x0
R/W
0
ADC_PIN_CTRL
For All 16 ADCs.
1: PD Pin and MASK Bit Control
0: CONFIG Bit Programming Control
0x0
R/W
0x31
LOW_PWR_PIN_
POLARITY
[7:2]
RESERVED
Reserved.
0x0
R
[1:0]
POL
Polarity of PD Pin.
0: Active High.
1: Active Low.
0x0
R/W
0x32
LOW_PWR_CONFIG
[7:6]
RESERVED
Reserved.
0x0
R
5
JTXPHY_LP_MODE
Low Power Mode for JTXPHY.
0 : Normal Mode.
1 : Low Power Mode.
0x0
R/W
4
JTX_LP_MODE
Low Power Mode for JTX.
0: Normal Mode
1: Low Power Mode
0x0
R/W
3
DIG_DP_LP_MODE
Low Power Mode for Digital Datapath.
0: Normal Mode
1: Low Power Mode
0x0
R/W
2
TOPREF_LP_MODE
Low Power Mode for Top Ref. If 1 then bias
currents to on-chip PLL, ADC, clock buffer and
monitor mux from master bias are disabled. BG is
still active.
0: Normal Mode
1: Low Power Mode
0x0
R/W
1
CLKTOP_LP_MODE
Low Power Mode for Clock Top.
0: Normal Mode
1: Low Power Mode
0x0
R/W
0
ADC_LP_MODE
Low Power Mode for All 16 ADCs.
0: Normal Mode
1: Low Power Mode
0x0
R/W
0x33
LOW_PWR_PIN_MASK
[7:6]
RESERVED
Reserved.
0x0
R
5
JTXPHY_LP_PIN_MASK
Mask the PD to JTXPHY.
0: Mask
1: Unmask
0x0
R/W
4
JTX_LP_PIN_MASK
Mask the PD to JTX.
0: Mask
1: Unmask
0x0
R/W
3
DIG_DP_LP_PIN_MASK
Mask the PD to DIG_DP.
0: Mask
1: Unmask
0x0
R/W
2
TOPREF_LP_PIN_MASK
Mask the PD to TOP REF.
0: Mask
1: Unmask
0x0
R/W
1
CLKTOP_LP_PIN_MASK
Mask the PD to CLKTOP.
0: Mask
1: Unmask
0x0
R/W
0
ADC_LP_PIN_MASK
Mask the PD to ADC
0: Mask
1: Unmask.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com